Electronic Components Datasheet Search
  English  ▼

X  

1340366 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1340366
Description  D3PC-MP 1.25-2.2L-F-SN-L - Crimp contact
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1340366 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1340366 Datasheet HTML 1Page - PHOENIX CONTACT 1340366 Datasheet HTML 2Page - PHOENIX CONTACT 1340366 Datasheet HTML 3Page - PHOENIX CONTACT 1340366 Datasheet HTML 4Page - PHOENIX CONTACT 1340366 Datasheet HTML 5Page - PHOENIX CONTACT 1340366 Datasheet HTML 6Page - PHOENIX CONTACT 1340366 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Crimp contact
Product family
D3PC-MP-F
Pitch
0 mm
Connection data
Stripping length
4.5 mm
Conductor cross section AWG
16 ... 14
Material specifications
Contact surface
Tin Sn
Contact surface material
Tin
Metal surface terminal point (top layer)
Tin (1 - 3 µm Sn)
Metal surface contact area (top layer)
Tin (1 - 3 µm Sn)
Dimensions
Pitch
0 mm
Electrical properties
Nominal current IN
8 A
D3PC-MP 1.25-2.2L-F-SN-L - Crimp contact
1340366
https://www.phoenixcontact.com/us/products/1340366
Jan 8, 2024, 6:09 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com