Electronic Components Datasheet Search
  English  ▼

X  

PCE-VD3 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VD3
Description  Accelerometer PCE-VD 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VD3 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VD3 Datasheet HTML 1Page - PCE Instruments. PCE-VD3 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measurement range
±16 g
Accuracy
± 0.5 g
Resolution
0.004 g
Frequency range
0 ... 60 Hz
Memory
8 Mbit
normal measuring mode: 168042 records
motion detection: 112028 records
Measurement rate / Record
interval  
50 ms ... 12 hours
Power supply
1 x 3.6 V, 1/2 AA, 14250, battery
Power consumption
ca. 2.8 mA during a measurement
<1.5 µA idle
Battery life
ca. 400 hours
Status display
via 2 LEDs (recording in progress / alarm)
Interface
USB
Operating conditions
0 ... 40 ºC (32 ... 104 ºF), 10 ... 75 % RH non-
condensing
Storage conditions
-10 ... 60 °C (14 ... 140 °F), 10 ... 90 % RH, non-
condensing
Dimensions of device
95 x 28 x 21 mm / 3.7 x 1.1 x 0.8"
Dimensions of wall bracket
106 x 56 x 33.5 mm / 4.2 x 2.2 x 1.3"
Weight
25 g / 0.88 oz
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com