Electronic Components Datasheet Search
  English  ▼

X  

LTC600-S Datasheet(PDF) 2 Page - LEM

Part # LTC600-S
Description  Current Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LTC600-S Datasheet(HTML) 2 Page - LEM

  LTC600-S Datasheet HTML 1Page - LEM LTC600-S Datasheet HTML 2Page - LEM LTC600-S Datasheet HTML 3Page - LEM LTC600-S Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
LEM
www .lem.com
060613/3
Page 2/4
Current Transducer LTC 600-S
Isolation characteristics
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
13.4 2)
kV
1.5 3)
kV
V
e
R.m.s. voltage for partial discharge extinction
> 2.8
kV
Min
dCp
Creepage distance
66.70
mm
dCl
Clearance distance
45.90
mm
CTI
Comparative Tracking Index (Group I)
600
Notes : 2) Between primary and secondary + shield
3) Between secondary and shield.
Safety
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the following
manufacturer's operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com