Electronic Components Datasheet Search
  English  ▼

X  

PCA3352C Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCA3352C
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA3352C Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCA3352C Datasheet HTML 16Page - NXP Semiconductors PCA3352C Datasheet HTML 17Page - NXP Semiconductors PCA3352C Datasheet HTML 18Page - NXP Semiconductors PCA3352C Datasheet HTML 19Page - NXP Semiconductors PCA3352C Datasheet HTML 20Page - NXP Semiconductors PCA3352C Datasheet HTML 21Page - NXP Semiconductors PCA3352C Datasheet HTML 22Page - NXP Semiconductors PCA3352C Datasheet HTML 23Page - NXP Semiconductors PCA3352C Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
1999 Oct 28
20
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
14 OVERVIEW OF PORT AND POWER-ON-RESET
CONFIGURATIONS
• The PCA335xC microcontrollers support one port and
Power-on-reset configuration which is compatible with
the OTP PCD3755E.
• The PCD335xA microcontrollers support two port and
Power-on-reset configurations which can be chosen:
one is compatible with the OTP PCD3755A, the other is
compatible with the OTP PCD3755E.
Table 25 Available mask configurations
TYPE
CONFIGURATION
PCD3755A
PCD3755E
PCA3351C
−
X
PCA3352C
−
X
PCA3353C
−
X
PCD3351A
X
X
PCD3352A
X
X
PCD3353A
X
X
Table 26 Port and Power-on-Reset configurations
See note 1 and 2.
Notes
1. Port output drive: 1 = standard I/O; 2 = open-drain I/O, see
“PCD33xxA Family” data sheet.
2. Port state after reset: S = Set (HIGH) and R = Reset (LOW).
3. The melody output drive type is push-pull.
COVERED
BY OTP
PORT 0
PORT 1
PORT 2
VPOR
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0123
PCD3755A
1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1S 1R 1R(3)
2S
2S
2S
2S
1.3 V
PCD3755E
1S 1S 1S 1S 1S 1S 1S 1S 2S 2S 2S 2S 2S 2S 1S 1S(3)
2S
1R
1R
1R
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com