Electronic Components Datasheet Search
  English  ▼

X  

CAS-220 Datasheet(PDF) 2 Page - Zoran Corporation

Part # CAS-220
Description  DTV Demodulator IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

CAS-220 Datasheet(HTML) 2 Page - Zoran Corporation

  CAS-220 Datasheet HTML 1Page - Zoran Corporation CAS-220 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11/05 IN
CAS-220
Cascade2™
DTV Demodulator IC
Product Brief
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Key Features
For more information, contact Zoran's Sunnyvale office or the office nearest you:
© Copyright 2005 Zoran Corporation. All rights reserved. Zoran, the Zoran logo, and Cascade are trademarks of Zoran Corporation. All other brand product names and company names are trademarks of their respective
owners. The information in this document is believed to be reliable. However, Zoran Corporation makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it. Zoran Corporation does not guarantee that the use of any information contained herein will not infringe upon patent, trademark, copyright, or rights
of third parties. Zoran Corporation reserves the right to make changes in the product and/or specifications, or both, presented in this publication at any time without notice.
Modulation Flexibility
- ATSC 8-VSB demodulation
- OpenCable, ANSI/SCTE DVS-031, ITU-T J.83 Annex B and
DOCSIS compliant 64/256 QAM demodulation
- OOB downstream demodulation, complies with SCTE DVS-178
and DVS-167 specifications
- Audio stereo decoding: US BTSC audio mono, stereo and SAP
decoding (DBX), Korea A2 FM mono, stereo and bilingual,
with IIS output
- Autonomous operation - Internal DSP firmware execution eliminates
the need for supervision and operation by the system host
Excellent VSB Performance
- Superior 8-VSB multi-path performance with equalizer coverage
of –34us to +78us.
- Superior VSB indoor reception using enhanced equalization and
synchronization algorithms, based on training signal and data-aided
equalization, enables Brazil and other 0dB ghosts reception
- Adaptive control loops according to channel conditions for fast
channel acquisition and optimal tracking
- Excellent doppler ghosts rejection
- Fast channel auto search by carrier lock of +/-400KHz and NTSC
channel detection
Excellent QAM Performance
- ANSI/SCTE DVS-031, ITU-T J.83 Annex B 64/256QAM,
5.059641/5.360537MHz symbol rate.
- Integrated 32Kbytes deinterleaver RAM for DI modes
up to I=128 J=4.
- 84 taps equalization range: 36 FFE and 48 DFE for superior
cable micro-reflection rejection
- Superior phase noise rejection
- Superior burst noise and combined distortion rejection
- Superior AM noise rejection
- Fast channel auto search based on auto 64/256QAM detection and
wide carrier acquisition range of +/-500KHz
FDC Demodulator (OOB)
- OpenCable SCTE DVS-178 & 167 QPSK demodulation
- 8 taps adaptive equalizer
- On-chip frequency synthesizer provides LO for FDC
down-conversion
- Direct Cable Card interface compliant with SCTE 28 2001
(DVS-295)
Sound stereo decoder
- US BTSC mono, stereo and SAP (DBX) decoding
- Korea A2 FM mono, stereo and bilingual decoding
- FM radio stereo decoding
- IIS server/client with output clock of 48KHz, 44.1KHz, and 32KHz
Advanced System Functions
- Accepts 44MHz or low-IF from the tuner eliminating external
base-band demodulation
- Separate RF and IF AGC PWM outputs
- Parallel and serial MPEG2 transport outputs
- All digital recovery loops
- Firmware loading IIC serial bus from host upon initialization
- Integrated IIC switch for isolation of the tuner IIC port during
normal reception modes
- Via IIC, the Cascade2 reports FEC statistics, receiver status,
and channel data such as S/N ratio, equalizer taps, carrier offset,
and more
- EIA/CEA-909 Mode A Smart Antenna Interface
- Internal mux for serial output of decrypted TS from POD
Standard 14x14 mm 100pin LQFP package
Shanghai, China
Zoran China Office
Tel: 86-21-6469-9799
Fax: 86-21-6427-0545
Shenzhen, China
Zoran China Office
Tel: 86-755-8281-5777
Fax: 86-755-8322-0889
Hong Kong
Zoran Asia Pacific Ltd.
Tel: +852-2620-5838
Fax: +852-2620-5238
Israel
Zoran Microelectronics Ltd.
Te l : +972-4-8545-777
Fax: +972-4-8551-550
Japan
Zoran Japan Office
Te l : +81-3-5475-1051
Fax: +81-3-5475-1053
Korea
Zoran Korea Office
Tel: +82-2-761-7471
Fax: +82-2-761-7472
Taiwan
Zoran Taiwan Office
Te l : +886-2-2659-9797
Fax: +886-2-2659-9595



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com