Electronic Components Datasheet Search
  English  ▼

X  

PCE-160CB Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-160CB
Description  Cable Detector PCE-160 CB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-160CB Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-160CB Datasheet HTML 1Page - PCE Instruments. PCE-160CB Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Line detection
By beep
Beeps
Pulsating sound, lasting sound
Further measurement
function
Continuity test
Transmitter connection Alligator clips
Receiver connection
Headphone jack
Environment operations 0 ... 50°C / 32 ... 122°F, 5 ... 95% rh
Power supply
2 x 9V block battery (incl.)
Dimensions
Receiver: 260 x 44 x 25 mm
Probe length: 180 mm, semi-rigid
Transmitter: 70 x 56 x 22 mm / 2.8 x 2.2 x 0.9 in
Connecting cable: approx. 600 mm / 23.6 in
Weight
Receiver: approx. 202 g / < 1 lb
Transmitter: approx. 61 g / < 1 lb specifications
without battery
Connection cable: approx. 600 mm / 23.6 in
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com