Electronic Components Datasheet Search
  English  ▼

X  

PCE-CL20 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CL20
Description  Technical Cable Locator PCE-CL 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CL20 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CL20 Datasheet HTML 1Page - PCE Instruments. PCE-CL20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Cable Locator PCE-CL 20
PCE-CL 20 is a cable locator used to detect live and voltage-free electrical wires. This cable detector also
can be used to locate metallic and non-metallic gas or water pipes, identify short circuits, and follow
lines inside walls or under flooring.
The PCE-CL 20 wire tracer consists of two individual units: a signal generator (or transmitter) and a
receiver. Both units are equipped with bright LED lights for use in dark and dimly lit spaces. In addition,
the receiver has a backlit LCD screen.
- Output signal: 125 kHz
- Compatible with one- or two-pole circuits
- Automatic, manual and UAC measuring modes
- Locates hidden cables, wires or pipes
- Helps identify short circuits and fuses
- Includes alligator clips, measuring tips, test leads and ground rod
Technical specification
Output
125 kHz
External Voltage Identification Area
DC 12 ... 400 V ± 2.5%; AC 12 ... 400 V (50 ... 60
Hz) ± 2.5%
Display
LCD
Maximum Voltage
Max. 400 V AC / DC
Overvoltage Category
CAT III 300 V
Pollution Degree
2
Power Supply
9 V battery
Power Consumption (minimum voltage)
approximately 31 mA
Power Consumption (maximum voltage)
about 115 mA
Backup
F 0.5 A 500 V, 6.3 mm x 32 mm / 0.24 x 1.25in
Operating Conditions
0 ... +40 ° C/+32 ... +72 ° F
rel. Humidity <80%
Storage Conditions
-20 ... +60 °C /+12 ... +92 ° F
rel. Humidity <80%


Similar Part No. - PCE-CL20

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CLL1 PCE-PCE-CLL1 Datasheet
49Kb / 1P
Technical Data Logger PCE-CLL 1
PCE-CLT10 PCE-PCE-CLT10 Datasheet
281Kb / 2P
Electrical Tester PCE-CLT 10
More results

Similar Description - PCE-CL20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
logo
List of Unclassifed Man...
AX-T2090 ETC-AX-T2090 Datasheet
922Kb / 22P
Cable locator
logo
Radiodetection Ltd.
T272 RADIODETECTION-T272 Datasheet
163Kb / 2P
High Resistance Cable Fault Locator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com