Electronic Components Datasheet Search
  English  ▼

X  

PCE-CT28 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CT28
Description  Technical Coating Thickness Gauge PCE-CT 28
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT28 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CT28 Datasheet HTML 1Page - PCE Instruments. PCE-CT28 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Coating Thickness Gauge PCE-CT 28
Coating Thickness Gauge to determines thickness of coating on steel or iron (F)
and non-ferrous metals (N) with high range of measurement
The PCE-CT 28 Coating Thickness Meter for cars is for measuring the thickness of paint and plastic on ferrous or non-
ferrous materials without damaging the coating's surface. The Coating Thickness Meter stands out due to its high
range of measurement. This Coating Thickness Meter should be one of the tools used by technicians in areas of paint
or
lacquering
such
as
in
production,
automotive
body
repair
or
quality
control.
The Coating Thickness Meter is particularly useful in detecting damage to vehicles produced by an accident, for
preventing possible damage or as a toll in auto body repair. Also, in the industrial sector, this device is essential for
quality control in shipping and receiving and during production. It is ergonomincal with an integrated sensor and it
shows results of measurements quickly and accurately. It was designed for non-magnetic coatings such as plastic,
chrome, zinc, copper, etc. and insulation such as rubber, plastic, glass and paper over steel, iron, aluminium, brass
and stainless steel. Thanks to its wide measurement range, the coating thickness detector is ideal for the naval and
metal industries.
- F / N: for materials including iron, steel, aluminium, copper, brass and stainless steel.
- instant results
- large measurement range
- vibrations do not influence readings
- Elastic lined measuring head to ensure accurate results and prevent wear.
- The v-slot simplifies the measurement on round surfaces acting as a reference or axis point.
- can be operated comfortably with only one hand thanks to its design and integrated sensor.
- optional ISO calibration certificate
- comes complete with battery, carrying case, calibration standards and user's manual
Technical Specifications
Measurement range
0 to 1250µm
Resolution
0.1 µm (in a range of 0.0 to 99.9 µm)
1 µm (above the range)
Accuracy
±2% or 2.5 µm (highest reading is valid)
Minimum surface measurable
6 x 6mm
Minimum radial curve
convexed: 5mm / concaved: 60mm
Minimum thickness of material
0.3mm (for ferrous materials)
0.1mm (for non-ferrous materials)
Display
LCD with 4 x 10mm high digits


Similar Part No. - PCE-CT28

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CT22BT PCE-PCE-CT22BT Datasheet
469Kb / 2P
Material Tester PCE-CT 22BT
PCE-CT22BT-ICA PCE-PCE-CT22BT-ICA Datasheet
317Kb / 2P
Material Tester PCE-CT 22BT-ICA incl. ISO CalibrationCertificate
PCE-CT25FN PCE-PCE-CT25FN Datasheet
352Kb / 2P
Material Thickness Tester PCE-CT 25FN
PCE-CT26FN PCE-PCE-CT26FN Datasheet
475Kb / 2P
Material Tester PCE-CT 26FN
PCE-CT26FN-ICA PCE-PCE-CT26FN-ICA Datasheet
497Kb / 2P
Material Tester PCE-CT 26FN-ICA Incl. ISO CalibrationCertificate
More results

Similar Description - PCE-CT28

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
Protective Coating
10-Jan-03
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
Protective Coating
25-May-05
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
CG204 EXTECH-CG204 Datasheet
162Kb / 1P
Coating Thickness Tester
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
logo
List of Unclassifed Man...
4223 ETC-4223 Datasheet
162Kb / 5P
Urethane Conformal Coating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com