Electronic Components Datasheet Search
  English  ▼

X  

16005 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 16005
Description  Inductive Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

16005 Datasheet(HTML) 1 Page - Turck, Inc.

  16005 Datasheet HTML 1Page - Turck, Inc. 16005 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
BI5-Q08-AP6X2-V1131
Inductive Sensor
Technical data
Type
BI5-Q08-AP6X2-V1131
ID no.
16005
Rated switching distance
5 mm
Mounting conditions
Flush
Secured operating distance
≤ (0.81 × Sn) mm
Correction factors
St37 = 1; Al = 0.3; stainless steel = 0.7; Ms
= 0.4
Repeat accuracy
≤ 2 % of full scale
Temperature drift
≤ ± 10 %
Hysteresis
3…15  %
Ambient temperature
-25…+70  °C
Operating voltage
10…30  VDC
Residual ripple
≤ 10 % U
ss
DC rated operational current
≤ 200 mA
No-load current
≤ 15 mA
Residual current
≤ 0.1 mA
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes / Cyclic
Voltage drop at I
e
≤ 1.8 V
Wire breakage/Reverse polarity protection yes / Complete
Output function
3-wire, NO contact, PNP
Switching frequency
0.5 kHz
Design
Rectangular, Q08
Dimensions
32 x 20 x 8  mm
Features
■Rectangular, height 8 mm
■Active face on top
■Metal, Zamak, nickel-plated
■DC 3-wire, 10…30 VDC
■NO contact, PNP output
■Male connector M8 × 1/Ø 8 mm
Wiring diagram
Functional principle
Inductive sensors detect metal objects
contactless and wear-free. For this, they use a
high-frequency electromagnetic AC field that
interacts with the target. Inductive sensors
generate this field via an RLC circuit with a
ferrite coil.


Similar Part No. - 16005

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
16005 ARIES-16005 Datasheet
897Kb / 1P
Program Header and Cover
logo
Heyco.
16005 HEYCO-16005 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
Belden Inc.
16005 BELDEN-16005 Datasheet
421Kb / 4P
Gigabit Ethernet Cat7 Data Double-Ended Cordset
02-03-2025
logo
Cooper Bussmann, Inc.
16005-2 COOPER-16005-2 Datasheet
1Mb / 4P
Splicer blocks
16005-3 COOPER-16005-3 Datasheet
1Mb / 4P
Splicer blocks
More results

Similar Description - 16005

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BI1.5U-EG08-RP6X-H1341 TURCK-BI1.5U-EG08-RP6X-H1341 Datasheet
377Kb / 3P
Inductive sensor
BI1-EG05K-AN6X-V1331 TURCK-BI1-EG05K-AN6X-V1331 Datasheet
199Kb / 2P
Inductive sensor
BI10-G28-AZ3 TURCK-BI10-G28-AZ3 Datasheet
185Kb / 2P
Inductive sensor
logo
Pepperl+Fuchs Inc.
NBB3-V3-Z4 PF-NBB3-V3-Z4 Datasheet
217Kb / 2P
Inductive sensor
NBB4-12GM75-US PF-NBB4-12GM75-US Datasheet
178Kb / 1P
Inductive sensor
NBB5-18GM40-Z0-V1 PF-NBB5-18GM40-Z0-V1 Datasheet
173Kb / 1P
Inductive sensor
NBB8-18GM50-E2 PF-NBB8-18GM50-E2 Datasheet
159Kb / 1P
Inductive sensor
NBB1-4GM22-E0 PF-NBB1-4GM22-E0 Datasheet
109Kb / 1P
Inductive sensor
NBB2-8GM25-E0-V3 PF-NBB2-8GM25-E0-V3 Datasheet
226Kb / 2P
Inductive sensor
NBB2-8GM25-E2-V3 PF-NBB2-8GM25-E2-V3 Datasheet
225Kb / 2P
Inductive sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com