Electronic Components Datasheet Search
  English  ▼

X  

PCA8516P Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCA8516P
Description  Stand-alone OSD
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8516P Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCA8516P Datasheet HTML 28Page - NXP Semiconductors PCA8516P Datasheet HTML 29Page - NXP Semiconductors PCA8516P Datasheet HTML 30Page - NXP Semiconductors PCA8516P Datasheet HTML 31Page - NXP Semiconductors PCA8516P Datasheet HTML 32Page - NXP Semiconductors PCA8516P Datasheet HTML 33Page - NXP Semiconductors PCA8516P Datasheet HTML 34Page - NXP Semiconductors PCA8516P Datasheet HTML 35Page - NXP Semiconductors PCA8516P Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
1995 Mar 30
32
Philips Semiconductors
Preliminary specification
Stand-alone OSD
PCA8516
Fig.24 Timing diagram of character blinking frequency and blinking ratio.
handbook, full pagewidth
VSYNC
VSYNC
01
2
3
78
10 11
60 Hz
14 15 01
2
3
78
10 11
60 Hz
14 15
Blinking frequency:
Blinking ratio: 1 : 3
Blinking frequency:
Blinking ratio: 1 : 1
Blinking frequency:
Blinking ratio: 3 : 1
Blinking frequency:
Blinking ratio: 1 : 3
Blinking frequency:
Blinking ratio: 1 : 1
Blinking frequency:
Blinking ratio: 3 : 1
MRA848
f
16
VSYNC
f
16
VSYNC
f
16
VSYNC
f
32
VSYNC
f
32
VSYNC
f
32
Fig.25 Blinking in No background mode.
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,
,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,,
,
,
MLB397
Character ON
,
,
,
,
,
,
,,,
,,,
,,
Character OFF
,,
,,
,,
,,
,,
,,
,,,
,,,
,,
CR code
SP code
CR code
SP code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com