Electronic Components Datasheet Search
  English  ▼

X  

2SB744 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SB744
Description  PNP Silicon Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB744 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SB744 Datasheet HTML 1Page - Micro Commercial Components 2SB744 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SB744
PNP Silicon
Power Transistor
Features
•
Capable of 10Watts of Power Dissipation.
•
Collector-current 3.0A
•
Collector-base Voltage 70V
•
Operating and storage junction temperature range: -55
OC to
+150
OC
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
45
V
VCBO
Collector-Base Voltage
70
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
3.0
A
PC
Collector power dissipation
10
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
VCEO(SUS)
Collector-Emitter Sustaining Voltage
(IC=1.0mAdc, IB=0)
45
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=1.0mAdc, IE=0)
70
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=1.0mAdc, IC=0)
5.0
---
Vdc
ON CHARACTERISTICS
hFE(1)
Forward Current Transfer ratio
(IC=20mAdc, VCE=5.0Vdc)
30
---
---
hFE(2)
Forward Current Transfer ratio
(IC=0.5Adc, VCE=5.0Vdc)
60
320
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=1.5Adc, IB=0.15Adc)
---
2.0
Vdc






 

 











































































!




E
A
D
F
G
H
J
J
C
B
L
M
P
Q
N
R
K
PIN 1.
EMITTER
PIN 2.
COLLECTOR
1
2
3
PIN 3.
BASE
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 3
2006/05/17
TM
Micro Commercial Components
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Marking:B744
www.mccsemi.com
1 of 2


Similar Part No. - 2SB744

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB744 SAVANTIC-2SB744 Datasheet
133Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB744 JMNIC-2SB744 Datasheet
195Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB744 ISC-2SB744 Datasheet
247Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SB744 SAVANTIC-2SB744 Datasheet
135Kb / 4P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB744 NJSEMI-2SB744 Datasheet
71Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SB744

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com