Electronic Components Datasheet Search
  English  ▼

X  

TDA0161FPT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA0161FPT
Description  Proximity Detectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA0161FPT Datasheet(HTML) 5 Page - STMicroelectronics

  TDA0161FPT Datasheet HTML 1Page - STMicroelectronics TDA0161FPT Datasheet HTML 2Page - STMicroelectronics TDA0161FPT Datasheet HTML 3Page - STMicroelectronics TDA0161FPT Datasheet HTML 4Page - STMicroelectronics TDA0161FPT Datasheet HTML 5Page - STMicroelectronics TDA0161FPT Datasheet HTML 6Page - STMicroelectronics TDA0161FPT Datasheet HTML 7Page - STMicroelectronics TDA0161FPT Datasheet HTML 8Page - STMicroelectronics TDA0161FPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TDA0161
3 Operating Mode
5/12
3
Operating Mode
Between pins 3 and 7, the integrated circuit acts like a negative resistor with a value equal to
that of the external resistor R1 (connected between pins 2 and 4). The oscillation stops when
the tuned circuit loss resistance (Rp) becomes smaller than R1. As a result, ICC(close) = 10mA
(pins 1 and 6). The oscillation is sustained when Rp is higher than R1, and ICC(remote) = 1mA
(pins 1 and 6). Eddy currents induced by coil L1 in a metallic body determine the value of Rp.
Figure 2.
Electrical Scheme
Icc(close)
Icc(remote)
If the circuit is used at frequency higher than 3MHz, it is recommended to connect a capacitor of 100pF between pins 7 and 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com