Electronic Components Datasheet Search
  English  ▼

X  

IRF3709ZCS Datasheet(PDF) 6 Page - International Rectifier

Part # IRF3709ZCS
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3709ZCS Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF3709ZCS Datasheet HTML 2Page - International Rectifier IRF3709ZCS Datasheet HTML 3Page - International Rectifier IRF3709ZCS Datasheet HTML 4Page - International Rectifier IRF3709ZCS Datasheet HTML 5Page - International Rectifier IRF3709ZCS Datasheet HTML 6Page - International Rectifier IRF3709ZCS Datasheet HTML 7Page - International Rectifier IRF3709ZCS Datasheet HTML 8Page - International Rectifier IRF3709ZCS Datasheet HTML 9Page - International Rectifier IRF3709ZCS Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRF3709ZCS/L
6
www.irf.com
Fig 13. On-Resistance vs. Gate Voltage
Fig 12. On-Resistance vs. Drain Current
Fig 16. Maximum Avalanche Energy
vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
tp
V(BR)DSS
IAS
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
2
3
4
5
6
7
8
9
10
VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
12
14
16
ID = 21A
TJ = 25°C
TJ = 125°C
10.0
20.0
30.0
40.0
50.0
60.0
70.0
ID, Drain Current (A)
4.00
5.00
6.00
7.00
8.00
9.00
TJ = 25°C
TJ = 125°C
Vgs = 10V
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
ID
TOP
5.4A
8.0A
BOTTOM 17A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com