Electronic Components Datasheet Search
  English  ▼

X  

PCE-PHD1 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PHD1
Description  Technical Data Logger PCE-PHD 1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PHD1 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PHD1 Datasheet HTML 1Page - PCE Instruments. PCE-PHD1 Datasheet HTML 2Page - PCE Instruments. PCE-PHD1 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Conductivity
Measurement ranges
Resolution
Accuracy
Calibration
Temperature compensation
0 ... 200,0 µS/cm
0,2 ... 2,000 mS/cm
2 ... 20,00 mS/cm
20 ... 200 mS/cm
0,01 µS/cm
0,001mS/cm
0,01 mS/cm
0,1 mS/cm
±2 % of the measurement range + 1 digit
1413 mS/cm
automatic (0 ... 60 ºC)
TDS
Measurement range
Resolution
Accuracy
Temperature compensation
0 ... 132 ppm
132 ... 1320 ppm
1320 ... 13200 ppm
13200 ... 132000 ppm
0,1 ppm
1 ppm
10 ppm
100 ppm
±2 % of the measurement range + 1 digit
automatic (0 ... 60 ºC)
Salt content
Measurement range
Resolution
Accuracy
Temperature compensation
0 ... 12 % (of weight)
0,01 %
±0,5 % of the measurement range
automatic (0 ... 60 ºC)
Oxygen
Measurement range
Resolution
Accuracy
0 ... 20 mg/l (in water)
0 ... 100 % (in air)
0 ... 50 ºC
0,1 mg/l
0,1 %
0,1 ºC
±0,4 mg/l
±0,7 %
±0,8 ºC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com