Electronic Components Datasheet Search
  English  ▼

X  

IRFIZ34VPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFIZ34VPBF
Description  Advanced Process Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ34VPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFIZ34VPBF Datasheet HTML 1Page - International Rectifier IRFIZ34VPBF Datasheet HTML 2Page - International Rectifier IRFIZ34VPBF Datasheet HTML 3Page - International Rectifier IRFIZ34VPBF Datasheet HTML 4Page - International Rectifier IRFIZ34VPBF Datasheet HTML 5Page - International Rectifier IRFIZ34VPBF Datasheet HTML 6Page - International Rectifier IRFIZ34VPBF Datasheet HTML 7Page - International Rectifier IRFIZ34VPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFIZ34VPbF
HEXFET® Power MOSFET
11/13/03
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
20
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
14
A
IDM
Pulsed Drain Current

120
PD @TC = 25°C
Power Dissipation
30
W
Linear Derating Factor
0.20
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚…
81
mJ
IAR
Avalanche Current

30
A
EAR
Repetitive Avalanche Energy

3.0
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ…
4.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Thermal Resistance
www.irf.com
1
VDSS = 60V
RDS(on) = 28mΩ
ID = 20A
S
D
G
TO-220 Full-Pak
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab
and external heatsink. This isolation is equivalent to
using a 100 micron mica barrier with standard TO-220
product. The Fullpak is mounted to a heatsink using a
single clip or by a single screw fixing.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Optimized for SMPS Applications
l Lead-Free
Description
PD - 94841
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
5.0
RθJA
Junction-to-Ambient
–––
65
°C/W


Similar Part No. - IRFIZ34VPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIZ34V IRF-IRFIZ34V Datasheet
105Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=28mohm, Id=20A)
More results

Similar Description - IRFIZ34VPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com