Electronic Components Datasheet Search
  English  ▼

X  

PCD3310 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD3310
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD3310 Datasheet HTML 13Page - NXP Semiconductors PCD3310 Datasheet HTML 14Page - NXP Semiconductors PCD3310 Datasheet HTML 15Page - NXP Semiconductors PCD3310 Datasheet HTML 16Page - NXP Semiconductors PCD3310 Datasheet HTML 17Page - NXP Semiconductors PCD3310 Datasheet HTML 18Page - NXP Semiconductors PCD3310 Datasheet HTML 19Page - NXP Semiconductors PCD3310 Datasheet HTML 20Page - NXP Semiconductors PCD3310 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1996 Nov 21
17
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
12 TIMING CHARACTERISTICS
When any key is activated a square wave (330 Hz) is generated and appears at the CF output to serve as an acoustic
feed-back for the user.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
DTMF dialling
tt, tp
transmission and pause times (manual dialling)
68
−−
ms
tt, tp
transmission and pause times (redialling)
68
70
72
ms
Pulse dialling (PCD3310)
fdp
dialling pulse frequency
9.8
10
10.4
Hz
tid
inter-digit pause
828
840
844
ms
tb
break time
66
67
68
ms
tm
make time
32
33
34
ms
Pulse dialling (PCD3310A)
fdp
dialling pulse frequency
9.8
10
10.4
Hz
tid
inter-digit pause
828
840
844
ms
tb
break time
59
60
61
ms
tm
make time
39
40
41
ms
General
tFL
flash pulse duration
98
100
102
ms
tflh
flash hold-over time
31
33
34
ms
th
hold-over time (muting on M1)
78
80
81
ms
ton
clock start-up time
−
4
−
ms
te
debounce time
−
12
−
ms
trd
reset delay time
−
160
−
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com