Electronic Components Datasheet Search
  English  ▼

X  

PCD3310A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD3310A
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310A Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD3310A Datasheet HTML 1Page - NXP Semiconductors PCD3310A Datasheet HTML 2Page - NXP Semiconductors PCD3310A Datasheet HTML 3Page - NXP Semiconductors PCD3310A Datasheet HTML 4Page - NXP Semiconductors PCD3310A Datasheet HTML 5Page - NXP Semiconductors PCD3310A Datasheet HTML 6Page - NXP Semiconductors PCD3310A Datasheet HTML 7Page - NXP Semiconductors PCD3310A Datasheet HTML 8Page - NXP Semiconductors PCD3310A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1996 Nov 21
4
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
4
ORDERING INFORMATION
Table 1
Package information
Table 2
Functional options
Notes
1. Pulse frequency 10 Hz, inter-digit pause (tid) = 840 ms.
2. Note that the PCD3310P; 10T and the PCD3310AP; 10AT differ only in the break/make ratio in pulse dialling.
The break/make times equate to mark-to-space ratios of 2 : 1 and 3 : 2 respectively.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD3310P
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
PCD3310AP
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
PCD3310T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
PCD3310AT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
TYPE
NUMBER
PULSE DIAL; BREAK/MAKE TIME (see notes 1 and 2)
MARK-TO-SPACE
RATIO
PCD3310P
67, 33 ms
2 : 1
PCD3310T
67, 33 ms
2 : 1
PCD3310AP
60, 40 ms
3 : 2
PCD3310AT
60, 40 ms
3 : 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com