Electronic Components Datasheet Search
  English  ▼

X  

PCD3311C Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD3311C
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3311C Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD3311C Datasheet HTML 5Page - NXP Semiconductors PCD3311C Datasheet HTML 6Page - NXP Semiconductors PCD3311C Datasheet HTML 7Page - NXP Semiconductors PCD3311C Datasheet HTML 8Page - NXP Semiconductors PCD3311C Datasheet HTML 9Page - NXP Semiconductors PCD3311C Datasheet HTML 10Page - NXP Semiconductors PCD3311C Datasheet HTML 11Page - NXP Semiconductors PCD3311C Datasheet HTML 12Page - NXP Semiconductors PCD3311C Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1996 Nov 21
9
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
Table 3
Input data and output for DTMF tones
Table 4
Input data and output for modem tones
D5
D4
D3
D2
D1
D0
HEX
SYMBOL
STANDARD
FREQUENCY
TONE
OUTPUT
FREQ.
FREQUENCY
DEVIATION
Hz
Hz
%
Hz
001000
08
−
697
697.90
+0.13
+0.90
001001
09
−
770
770.46
+0.06
+0.46
001010
0A
−
852
850.45
−0.18 −1.55
001011
0B
−
941
943.23
+0.24
+2.23
001100
0C
−
1209
1206.45
−0.21 −2.55
001101
0D
−
1336
1341.66
+0.42
+5.66
001110
0E
−
1477
1482.21
+0.35
+5.21
001111
0F
−
1633
1638.24
+0.32
+5.24
010000
10
0
941+1336
−−
−
010001
11
1
697+1209
−−
−
010010
12
2
697+1336
−−
−
010011
13
3
697+1477
−−
−
010100
14
4
770+1209
−−
−
010101
15
5
770+1336
−−
−
010110
16
6
770+1477
−−
−
010111
17
7
852+1209
−−
−
011000
18
8
852+1336
−−
−
011001
19
9
852+1477
−−
−
011010
1A
A
697+1633
−−
−
011011
1B
B
770+1633
−−
−
011100
1C
C
852+1633
−−
−
011101
1D
D
941+1633
−−
−
011110
1E
*
941+1209
−−
−
011111
1F
#
941+1477
−−
−
D5
D4
D3
D2
D1
D0
HEX
STANDARD
FREQUENCY
TONE
OUTPUT
FREQ.
FREQUENCY
DEVIATION
TELECOM.
STANDARD
Hz
Hz
%
Hz
100100
24
1300
1296.94
−0.24 −3.06
V.23
100101
25
2100
2103.14
+0.15
+3.14
100110
26
1200
1197.17
−0.24 −2.83
Bell 202
100111
27
2200
2192.01
−0.36 −7.99
101000
28
980
978.82
−0.12 −1.18
V.21
101001
29
1180
1179.03
−0.08 −0.97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com