Electronic Components Datasheet Search
  English  ▼

X  

PCE-UFM20 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-UFM20
Description  HVAC Meter PCE-UFM 20
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-UFM20 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-UFM20 Datasheet HTML 1Page - PCE Instruments. PCE-UFM20 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Velocity m/s
 
Measurement
Range
0.1 ... 5 m/s
Resolution
0.001 m/s
Accuracy
2%
Pipe Size
DN20
 
 
General Technical
Data
 
Display Type
OLED
Analog Output
4 ... 20mA
Data Interface
RS485
Voltage Supply
9 ... 36 V DC
Materials
PVC, Steel, Stainless Steel, Copper, PVDF
(Polyvinylidenfluorid), PFA (Perfluoralkoxy-Polymere), PTFE
(Polytetrafluorethylen), PU (Polyurethane), Aluminum
Measuring Medium Water, Seawater, Oil, User-defined (manual input of sound
velocity for the medium)
Menu Language
English
Protection Class
IP54
Weight
515 g
Device Weight with
Accessories
652 g
Device Weight with
Accessories and
Packaging
892 g
Dimensions (L x W
x H)
110 x 58 x 67 mm
Dimensions
including
Packaging (L x W x
H)
210 x 153 x 104 mm
Operating
Conditions
0 ... 50 °C
Operating
Condition r.H.
< 95%
Storage Conditions 0 ... 50 °C
Storage Conditions
r.H.
< 95%
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com