Electronic Components Datasheet Search
  English  ▼

X  

PCD3310P Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCD3310P
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310P Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCD3310P Datasheet HTML 11Page - NXP Semiconductors PCD3310P Datasheet HTML 12Page - NXP Semiconductors PCD3310P Datasheet HTML 13Page - NXP Semiconductors PCD3310P Datasheet HTML 14Page - NXP Semiconductors PCD3310P Datasheet HTML 15Page - NXP Semiconductors PCD3310P Datasheet HTML 16Page - NXP Semiconductors PCD3310P Datasheet HTML 17Page - NXP Semiconductors PCD3310P Datasheet HTML 18Page - NXP Semiconductors PCD3310P Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1996 Nov 21
15
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Data Handbook ICO3, Section: General, Handling MOS
devices”).
10 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
11 CHARACTERISTICS
VDD =3V; VSS =0V; fosc = 3.579545 MHz; Tamb = −25 to +70 °C; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.8
+8.0
V
IDD
supply current
−
50
mA
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
VI
all input voltages
−0.8
VDD + 0.8
V
Ptot
total power dissipation
−
300
mW
Po
power dissipation per output
−
50
mW
Tstg
storage temperature range
−65
+150
°C
Tamb
operating ambient temperature
−25
+70
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
operating supply voltage
2.5
−
6.0
V
Vstb
standby supply voltage
1.8
−
6.0
V
IDD(conv)
operating supply current in conversation
mode
oscillator ON
−−
150
µA
IDD(pulse)
operating supply current in pulse dialling
or flash mode
−−
200
µA
IDD(DTMF)
operating supply current in DTMF
dialling mode
tone ON
−
0.6
0.9
mA
one OFF
−−
200
µA
IDD(stb)
standby supply current
VDD = 1.8 V
oscillator OFF; note 1
−
1.4
4.0
µA
Inputs
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
ILI
input leakage current pin CE
−1
−
+1
µA
Keyboard inputs
RKON
keyboard ON resistance
−−
2k
Ω
RKOFF
keyboard OFF resistance
1
−−
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com