Electronic Components Datasheet Search
  English  ▼

X  

PCD3310AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD3310AT
Description  Pulse and DTMF diallers with redial
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3310AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD3310AT Datasheet HTML 2Page - NXP Semiconductors PCD3310AT Datasheet HTML 3Page - NXP Semiconductors PCD3310AT Datasheet HTML 4Page - NXP Semiconductors PCD3310AT Datasheet HTML 5Page - NXP Semiconductors PCD3310AT Datasheet HTML 6Page - NXP Semiconductors PCD3310AT Datasheet HTML 7Page - NXP Semiconductors PCD3310AT Datasheet HTML 8Page - NXP Semiconductors PCD3310AT Datasheet HTML 9Page - NXP Semiconductors PCD3310AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1996 Nov 21
6
Philips Semiconductors
Product specification
Pulse and DTMF diallers with redial
PCD3310; PCD3310A
6
PINNING
SYMBOL
PINS
TYPE
DESCRIPTION
PCD3310P
PCD3310AP
PCD3310T
PCD3310AT
OSCI
1
1
I
oscillator input
PD/DTMF
2
2
I
select pin; pulse or DTMF dialling input
TONE
3
3
O
single or dual tone frequency output
n.c.
−
4
−
not connected
VSS
4
5
P
negative supply
n.c.
−
6
−
not connected
n.c.
−
7
−
not connected
FLD
5
8
I/O
flash duration control input/output
ROW 5
6
9
I/O
scanning row 5 keyboard input/output
ROW 4
7
10
I/O
scanning row 4 keyboard input/output
n.c.
−
11
−
not connected
ROW 3
8
12
I/O
scanning row 3 keyboard input/output
ROW 2
9
13
I/O
scanning row 2 keyboard input/output
ROW 1
10
14
I/O
scanning row 1 keyboard input/output
COL 1
11
15
I
sense column 1 keyboard input (with internal pull-up resistor)
COL 2
12
16
I
sense column 2 keyboard input (with internal pull-up resistor)
COL 3
13
17
I
sense column 3 keyboard input (with internal pull-up resistor)
n.c.
−
18
−
not connected
COL 4
14
19
I
sense column 4 keyboard input (with internal pull-up resistor)
CF/DMODE/FS
15
20
O
confidence tone/dialling mode/frequency select outputs
DP/FLO
16
21
O
dialling pulse and flash output
M2
−
22
O
muting output 2
M1
−
23
O
muting output 1 (active LOW)
M1
17
24
O
muting output 1
n.c.
−
25
−
not connected
CE
18
26
I
chip enable input
VDD
19
27
P
positive supply voltage
OSCO
20
28
O
oscillator output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com