Electronic Components Datasheet Search
  English  ▼

X  

10104136 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # 10104136
Description  PLUS1 Expansion Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

10104136 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  10104136 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS 10104136 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IOX012-010 Dimensions and Pin Assignments
mm [in]
114.4 [4.50]
158.2 [6.23]
2 X 25.3 [1.0]
107.0 [4.21]
62.0 [2.44]
35.3 [1.39]
51.6 [2.03]
47.1 [1.85]
144.5 [5.69]
2199A
C Caution
This device is not field serviceable. Opening the device housing
will void the warranty.
Specifications
Product Parameters
Supply voltage
9 to 36 Vdc
Operating temperature (ambient)
-40°C to 70°C [-40°F to 158°F]
Storage temperature
-40°C to 85°C [-40°F to 185°F]
Programming temperature
0°C to 70°C [32°F to 158°F]
IP rating (with mating connector
attached)
IP 67
EMI/ RFI rating
100 V/m
Weight
0.34 kg [0.75 lb]
Vibration
IEC 60068-2-64
Shock
IEC 60068-2-27 test Ea
Maximum current, sourcing
8 A
Maximum current, sinking
8 A
12 Pin Connector
12
1
11
2
10
3
9
4
8
5
7
6
Pin
Controller function
C1-P1
Power ground -
C1-P2
Power ground +
C1-P3
CAN +
C1-P4
CAN -
C1-P5
AIN/CAN shield
C1-P6
5 Vdc sensor power +
C1-P7
Sensor power ground -
C1-P8
DIN/AIN/FreqIN
C1-P9
DIN/AIN/FreqIN
C1-P10
DIN/AIN/FreqIN
C1-P11
PWMOUT/DOUT/PVGOUT
C1-P12
PWMOUT/DOUT/PVGOUT
Use care when wiring mating connector. Above pinouts are for
device pins.
Ordering Information and Related Products
Description
Part number
IOX012-010
10100997
CG150 CAN/USB Gateway
10104136
DEUTSCH mating connector
bag assembly
10102025 (16 to
20 AWG)
10100944 (20 to 24
AWG)
PLUS+1
®
GUIDE single user
license
10101000
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without subsequent changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | March 2021
AI152886480897en-001206



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com