Electronic Components Datasheet Search
  English  ▼

X  

10104136 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # 10104136
Description  PLUS1 Expansion Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

10104136 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  10104136 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS 10104136 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IOX024-020 Dimensions and Pin Assignments
mm [in]
114.4 [4.50]
158.2 [6.23]
25.2 [1.0]
142.0 [5.59]
97.0
[3.82]
35.0 [1.38]
51.6 [2.03]
47.1 [1.85]
144.5 [5.69]
2195B
2
1
Connector 1
Connector 2
C Caution
PCB damage may occur. Connect all device power supply + pins to
battery +. This device is not field serviceable. Opening the device
housing voids the warranty.
Specifications
Supply voltage
9 to 36 Vdc
Operating temp. (ambient)
-40°C to 70°C [-40°F to 158°F]
Storage temp.
-40°C to 85°C [-40°F to 185°F]
Programming temp.
0°C to 70°C [32°F to 158°F]
IP rating
IP 67
EMI/RFI rating
100 V/m
Weight
0.40 kg [0.88 lb]
Vibration
IEC 60068-2-64
Shock
IEC 60068-2-27 test Ea
Max. current, sourcing
24 A
Max. current, sinking
8 A
24 Pin
2196B
12
1
11
2
10
3
9
4
8
5
7
6
12
1
11
2
10
3
9
4
8
5
7
6
Connector 2
'B' key (black)
Connector 1
'A' key (gray)
Use care when wiring mating connector. Above pinouts are for
device pins.
Pin
Controller function
Pin
Controller function
C2-P1
DIN/AIN/FreqIN
C1-P1
Power ground -
C2-P2
DIN/AIN/FreqIN
C1-P2
Power supply +
C2-P3
PWMOUT/DOUT/PVGOUT
C1-P3
CAN +
C2-P4
PWMOUT/DOUT/PVGOUT
C1-P4
CAN -
C2-P5
PWMOUT/DOUT/PVGOUT
C1-P5
AIN/CAN shield
C2-P6
PWMOUT/DOUT/PVGOUT
C1-P6
DIN
C2-P7
PWMOUT/DOUT/PVGOUT
C1-P7
DIN
C2-P8
PWMOUT/DOUT/PVGOUT
C1-P8
5 Vdc sensor power +
C2-P9
PWMOUT/DOUT/PVGOUT
C1-P9
Sensor power ground -
C2-P10
PWMOUT/DOUT/PVGOUT
C1-P10
DIN/AIN/FreqIN
C2-P11
Power supply +
C1-P11
DIN/AIN/FreqIN
C2-P12
Power supply +
C1-P12
DIN/AIN/FreqIN
Ordering Information and Related Products
Description
Part number
IOX024-020
11062251
CG150 CAN/USB Gateway
10104136
DEUTSCH mating connector
bag assembly
10102025 (16 to
20 AWG)
10100944 (20 to 24
AWG)
PLUS+1
®
GUIDE single user
license
10101000
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | Dec 2016
AI00000060en-US0404



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com