Electronic Components Datasheet Search
  English  ▼

X  

10101557 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # 10101557
Description  Joystick JS1000 Joystick Base
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

10101557 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  10101557 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS 10101557 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in millimeters [inches] and connectors
PRO Grip
4 x Ø4.57
±0.05
[0.180
±0.002]
Ø59.4
±0.5
[2.34
±0.02]
74.2 ±0.5 DIA
[2.92 ±0.02]
Pin 6
Pin 1
18o REF
18o REF
18o REF
18o REF
28.58 ±0.12
[1.125 ±0.005]
34.92
±0.5
[1.38 ±0.02]
69.85
±0.5
[2.75 ±0.02]
57.15
±0.12
[2.25 ±0.005]
R2.0
±0.5
[0.08 ±0.02]
P005 244E
Decreasing
X
Decreasing
X
Increasing
X
Increasing
X
Increasing
Y
Increasing
Y
Decreasing
Y
Decreasing
Y
Motion
Multiaxis (X and Y)
Single Axis (Y only)
Ball Grip
18o REF
3.8 [0.15]
Max panel
Feed-Thru MTG
18o REF
69.85 ±0.5
[2.75 ±0.02]
Decreasing
X
Decreasing
X
Increasing
X
Increasing
X
Increasing
Y
Increasing
Y
Decreasing
Y
Decreasing
Y
18o REF
18o REF
P005 243E
4 x Ø4.57
±0.05
[0.180
±0.002]
Ø59.4
±0.05
[2.34
±0.002]
R2.03
±0.5
[0.08 ±0.02]
Pin 6
Pin 1
Mating connector DEUTSCH DTM06-6S
Pin assignments
Pin
CAN
Analog
Pin 1
Ground
Ground
Pin 2
Power
Power
Pin 3
CAN high
X output signal
Pin 4
CAN low
Y output signal
Pin 5
CAN shield
Rocker switch
Pin 6
No connection
No connection
Electrical characteristics
Sensor type
Hall effect
Resolution
Infinite
Supply voltage (Vs)
Analog output: 5 ± 0.5 Vdc
CAN: 9 to 32 Vdc
Output
Analog: 0.5 to 4.5 Vdc nominal
CAN: 2.0 B, J1939 protocol
Current consumption
25 mA
PRO grip = 150 mA
Mechanical characteristics
Lever mechanical angle
±18° on axis
Operating life
> 10 million cycles
Vibration
7.67 Gs RMS
Shock
50 Gs
Weight (base without grip)
0.38 kg [0.838 lb]
Environmental parameters
Operating temperature
-40° C to +80° C [-40° F to +175° F]
Storage temperature
-55° C to +85° C [-67° F to +180° F]
Protection
Above panel ball grip: IP 67
(PRO grip IP 43 and IP 40 with
proportional roller function)
Below panel: IP 67 with vent plug
installed
EMI/RFI rating
100 V/m
Mating connector assemblies
Type
Danfoss part number
6 pin DEUTSCH connector
bag assembly
10101551
6 pin connector with 400 mm
[15.75 in] leads
10101557
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
2 | © Danfoss | May 2017
520L0724 | AI00000034en-US1101



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com