Electronic Components Datasheet Search
  English  ▼

X  

11071844 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # 11071844
Description  PLUS1® Controllers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

11071844 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  11071844 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS 11071844 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS 11071844 Datasheet HTML 3Page - DANFOSS POWER SOLUTIONS 11071844 Datasheet HTML 4Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9 user-defined inputs/outputs defined
• 7: Digital inputs (DIN/DOUT 1.5 A); 1.5 A Digital output: Configured as source only
• 2: Digital inputs (DIN/DOUT 6 A); 6 A Digital output: Configured as source only
22 user-defined inputs
• 1: Digital/Analog/Frequency/4 to 20 mA Current (DIN/AIN/FreqIN/CrntIn)
• 3: Digital/Analog/Frequency (DIN/AIN/FreqIN)
• 13: Digital/Analog (DIN/AIN)
• 3: Analog/Rheostat (AIN/Rheo)
• 1: D+ Digital (D+DIN) fixed pull-up, specifically designed for alternator D+ signals
• 1: Analog/CAN shield (AIN/CAN shield), configured as 0 to 5.25 Vdc or CAN shield pin
47 user-defined outputs
• 2: NPN Digital: Configured as sink only (DOUT 6 A NPN)
• 4: 0.5 A Digital: Configured as source only (DOUT 0.5 A)
• 12: 1.5 A Digital: Configured as source only (DOUT 1.5 A)
• 3: 3 A Digital: Configured as source only (DOUT 3 A)
• 10: 6 A Digital/Digital Input: Configured as source only (DOUT 6 A)
• 14: Universal (PWMOUT/DOUT) that are user-defined as either: Digital (3A): Configured as source or sink; PWM (33 to 4000 Hz):
Configured as open or closed loop with current control
• 2: Universal (PWMOUT/DOUT) that are user-defined as either: Digital (12 A): Configured as source or sink; PWM (1.144 kHz fixed): Open
loop mode only
Dimensions and pin connectors
Dimensions in mm [in]
50
41
10
35
37
29
34
13
36
6
1
38
22
1
Connector 1: 50 pins
Connector 2: 38 pins
59.00
[2.32]
106 ± 0.20
[4.17 ± 0.01]
284.00 [11.18]
270.10 [10.63]
298.00 [11.73]
82.50
[3.25]
202.10
[7.95]
72.50
[2.85]
60.50
[2.38]
18.00
[0.71]
51.00
[2.01]
47.00
[1.85]
Bolt Connector
C2
C1
C3
C4
C Caution
This device is not field serviceable. Opening the device housing
will void the warranty.
This device’s entire back surface must be supported when
mounting (flatness within 1 mm). Mount device any direction.
Data Sheet
MC090-010 and MC090-012 Controllers
2 | © Danfoss | August 2019
AI00000203en-000701



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com