Electronic Components Datasheet Search
  English  ▼

X  

PCD3311 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCD3311
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3311 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCD3311 Datasheet HTML 20Page - NXP Semiconductors PCD3311 Datasheet HTML 21Page - NXP Semiconductors PCD3311 Datasheet HTML 22Page - NXP Semiconductors PCD3311 Datasheet HTML 23Page - NXP Semiconductors PCD3311 Datasheet HTML 24Page - NXP Semiconductors PCD3311 Datasheet HTML 25Page - NXP Semiconductors PCD3311 Datasheet HTML 26Page - NXP Semiconductors PCD3311 Datasheet HTML 27Page - NXP Semiconductors PCD3311 Datasheet HTML 28Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
1996 Nov 21
25
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
Z (1)
eHE
LLp
Qy
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.3
0.1
2.45
2.25
0.49
0.36
0.32
0.23
7.65
7.45
7.6
7.4
1.27
10.65
10.00
1.1
1.0
2.0
1.8
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.45
SOT176-1
91-08-13
95-02-25
X
4
8
θ
A
A1
A2
w M
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
5
1
(A )
3
A
y
0.25
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.30
0.29
0.30
0.29
0.050
1.45
0.057
0.25
0.01
0.42
0.39
0.043
0.039
0.079
0.071
0.01
0.004
0.043
0.018
0.01
0
5
10 mm
scale
pin 1 index
SO8: plastic small outline package; 8 leads; body width 7.5 mm
SOT176-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com