Electronic Components Datasheet Search
  English  ▼

X  

W39V080FAP Datasheet(PDF) 4 Page - Winbond

Part # W39V080FAP
Description  1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39V080FAP Datasheet(HTML) 4 Page - Winbond

  W39V080FAP Datasheet HTML 1Page - Winbond W39V080FAP Datasheet HTML 2Page - Winbond W39V080FAP Datasheet HTML 3Page - Winbond W39V080FAP Datasheet HTML 4Page - Winbond W39V080FAP Datasheet HTML 5Page - Winbond W39V080FAP Datasheet HTML 6Page - Winbond W39V080FAP Datasheet HTML 7Page - Winbond W39V080FAP Datasheet HTML 8Page - Winbond W39V080FAP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
W39V080FA
- 4 -
3. PIN CONFIGURATIONS
#WE(FWH4)
DQ4(RSV)
DQ3(FWH3)
DQ7(U/#L)
DQ6(D/#F)
#OE(#INIT)
DQ5(RSV)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
32L STSOP
24
23
22
21
20
19
18
17
A3(ID3)
IC
R/#C(CLK)
NC
V DD
A10(FGPI4)
Vpp
A9(FGPI3)
A8(FGPI2)
#RESET
A7(FGPI1)
A6(FGPI0)
A2(ID2)
A1(ID1)
A0(ID0)
DQ2(FWH2)
DQ1(FWH1)
DQ0(FWH0)
A5(#WP)
A4(#TBL)
VSS
VSS
RY/#BY(RSV)
NC
NC
#WE(FWH4)
DQ3(FWH3)
DQ2(FWH2)
DQ1(FWH1)
DQ0(FWH0)
1
40L TSOP
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
Vpp
VDD
CLK
A9(FGPI3)
A8(FGPI2)
NC
VSS
VSS
VDD
DQ7(U/#L)
DQ6(D/#F)
VDD
VSS
NC
IC
A4(#TBL)
A5(#WP)
2
3
4
5
6
7
24
21
22
23
NC
NC
NC
A10(FGPI4)
NC
#RESET
NC
NC
A7(FGPI1)
A6(FGPI0)
DQ5(RSV)
DQ4(RSV)
A0(ID0)
A1(ID1)
A2(ID2)
A3(ID3)
#OE(#INIT)
9
10
11
12
13
14
15
16
8
17
18
19
20
RY/#BY(RSV)
A
1
0
^
F
G
P
I
4
v
5
6
7
9
10
11
12
13
29
28
27
26
25
24
23
22
21
30
31
32
1
2
3
4
8
20
19
18
17
16
15
14
D
Q
1
^
F
W
H
1
v
V
S
S
D
Q
6
^
D
/
#
v
#
R
E
S
E
T
V
D
D
R
/
#
C
^
C
L
K
v
A
9
^
F
G
P
I
3
v
32L PLCC
DQ0(FWH0)
A7(FGPI1)
A6(FGPI0)
A4(#TBL)
A3(ID3)
A2(ID2)
A1(ID1)
A0(ID0)
A5(#WP)
IC
DQ7(U/#L)
#WE(FWH4)
#OE(#INIT)
NC
A
8
^
F
G
P
I
2
v
D
Q
2
^
F
W
H
2
v
D
Q
3
^
F
W
H
3
v
D
Q
4
^
R
S
V
v
D
Q
5
^
R
S
V
v
VSS
VDD
NC
V
P
P
RY/#BY(RSV)
F
4. BLOCK DIAGRAM
Program-
mer
Interface
0FFFFF
000000
020000
01FFFF
010000
00FFFF
#RESET
IC
A[10:0]
DQ[7:0]
#OE
#WE
R/#C
FWH
Interface
CLK
FWH4
FWH[3:0]
0F0000
0EFFFF
64K BYTES BLOCK 0
030000
02FFFF
#INIT
#WP
#TBL
0E0000
0DFFFF
0D0000
0CFFFF
64K BYTES BLOCK 1
64K BYTES BLOCK 2
64K BYTES BLOCK 13
64K BYTES BLOCK 14
64K BYTES BLOCK 15
RY/#BY
5. PIN DESCRIPTION
INTERFACE
SYM.
PGM FWH
PIN NAME
IC
*
*
Interface Mode Selection
#RESET
*
*
Reset
#INIT
*
Initialize
#TBL
*
Top Boot Block Lock
#WP
*
Write Protect
CLK
*
CLK Input
FGPI[4:0]
*
General Purpose Inputs
ID[3:0]
*
Identification Inputs
Pull Down with Internal Resistors
FWH[3:0]
*
Address/Data Inputs
FWH4
*
FWH Cycle Initial
D/#F
*
Dual Bios/Full Chip
Pull Down with Internal Resistors
U/#L
*
Upper 4M/Lower 4M
Pull Down with Internal Resistors
R/#C
*
Row/Column Select
A[10:0]
*
Address Inputs
DQ[7:0]
*
Data Inputs/Outputs
#OE
*
Output Enable
#WE
*
Write Enable
RY/#BY
*
Ready/ Busy
VDD
*
*
Power Supply
VSS
*
*
Ground
VPP
*
*
Accelerate Program Power Supply
RSV
*
*
Reserved Pins
NC
*
*
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com