Electronic Components Datasheet Search
  English  ▼

X  

1662001 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 1662001
Description  Inductive Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

1662001 Datasheet(HTML) 2 Page - Turck, Inc.

  1662001 Datasheet HTML 1Page - Turck, Inc. 1662001 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|2
Technical data
Switching frequency
0.25 kHz
Mechanical data
 
Design
Rectangular, Q10
Dimensions
42 x 25 x 10.8  mm
Housing material
Plastic, PBT-GF30-V0
Active area material
PBT-GF30-V0
Electrical connection
Cable
Cable quality
Ø 4 mm, LifYY-11Y, PUR, 2  m
Core cross-section
3 x 0.25  mm2
Environmental conditions
 
Ambient temperature
-30…+85  °C
Vibration resistance
55 Hz (1 mm)
Shock resistance
30  g (11 ms)
Protection class
IP67
MTTF
874  years acc. to SN 29500 (Ed. 99) 40
°C
Power-on indication
LED, Green
Switching state
LED, Yellow
Mounting instructions
Mounting instructions/Description
Distance D
2 x B
Distance W
3 x Sn
Distance S
1 x B
Distance G
6 x Sn
Width active area B 25 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com