Electronic Components Datasheet Search
  English  ▼

X  

PCD3745AP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCD3745AP
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745AP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCD3745AP Datasheet HTML 16Page - NXP Semiconductors PCD3745AP Datasheet HTML 17Page - NXP Semiconductors PCD3745AP Datasheet HTML 18Page - NXP Semiconductors PCD3745AP Datasheet HTML 19Page - NXP Semiconductors PCD3745AP Datasheet HTML 20Page - NXP Semiconductors PCD3745AP Datasheet HTML 21Page - NXP Semiconductors PCD3745AP Datasheet HTML 22Page - NXP Semiconductors PCD3745AP Datasheet HTML 23Page - NXP Semiconductors PCD3745AP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
1999 Feb 02
20
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
Notes
1. VIL =VSS; VIH =VDD; outputs open:
a) Maximum values: external clock at XTAL1 and XTAL2 open-circuit.
b) Typical values: at 25
°C; crystal connected between XTAL1 and XTAL2.
2.
VDD = 1.8 V; RESET, T1 and CE/T0 at VSS.
3. For proper operation of the counters the count pulse width (tW), negative and positive, should be 500 ns. If the
intention is to access the counters in read mode during counting, the count pulse width should be at least
2/fxtal + 500 ns.
4. Verified on sample bases. Not tested during production.
Port outputs (see Figs 14, 15 and 16)
IOL
LOW-level port sink current
VDD = 3 V; VO = 0.4 V
0.7
3.5
−
mA
IOH
HIGH-level port pull-up source
current
VDD =3V; VO = 2.7 V
−10
−30
−µA
VDD =3V; VO =0V
−−140
−300
µA
IOH
HIGH-level port push-pull
source current
VDD = 3 V; VO = 2.6 V
−0.7
−3.5
−
mA
Real-time clock 32 kHz oscillator
gm
transconductance
Vi(p-p) < 50 mV
2
10
50
µS
δf/f
frequency adjustment
−0.6
−
+0.6
ppm
CI(RTC1)
RTC1 pin input capacitance
−
10
−
pF
CO(RTC2)
RTC2 pin output capacitance
−
10
−
pF
Clock inputs of peripheral counters (CLK1 and CLK2)
Vth(LH)
positive-going threshold
voltage
VDD =5V; Tamb = +25 °C; see Fig.7 −
0.6VDD −
V
Vth(HL)
negative-going threshold
voltage
VDD =5V; Tamb = +25 °C; see Fig.7 −
0.4VDD −
V
tW
pulse width
notes 3 and 4; see Fig.7
500
−−
ns
fc
count frequency
note 4
0
−
1
MHz
XTAL oscillator
gmL
LOW transconductance
VDD = 5 V; see Fig.18
0.2
0.4
1.0
mA/V
Rf
feedback resistor
0.3
1.0
3.0
M
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com