Electronic Components Datasheet Search
  English  ▼

X  

ACQ580 Datasheet(PDF) 2 Page - ABB

Part # ACQ580
Description  Drives for water and wastewater 0.75 to 500 kW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACQ580 Datasheet(HTML) 2 Page - ABB

  ACQ580 Datasheet HTML 1Page - ABB ACQ580 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
—
For more information please contact
your local ABB representative or visit:
abb.com/drives
abb.com/drivespartners
abb.com/water
—
We reserve the right to make technical changes or
modify the contents of this document without prior
notice. With regard to purchase orders, the agreed
particulars shall prevail. ABB does not accept any
responsibility whatsoever for potential errors or
possible lack of information in this document.
We reserve all rights in this document and in the
subject matter and illustrations contained therein.
Any reproduction, disclosure to third parties or utilization
of its contents – in whole or in parts – is forbidden
without prior written consent of ABB.
Copyright© 2018 ABB. All rights reserved.
Power range
ACQ580-01
0.75 to 250 kW (frame sizes R1 to R9)
ACQ580-04 250 to 500 kW (frame sizes R10 to R11)
ACQ580-07
75 to 500 kW (frame sizes R6 to R11)
ACQ580-31 4 to 110 kW (frame sizes R3, R6 and R8)
ACQ580-34
132 to 355 kW (frame size R11)
Voltage range
3-phase,
U
N = 200 to 240 V, +10%/-15%
3-phase,
U
N = 380 to 480 V, +10%/-15%
Frequency
50/60 Hz ±5%
Degree of
protection
ACQ580-01/-31 IP21 as standard and IP55 as an option
ACQ580-04/-34 IP00 as standard and IP20 as an option
ACQ580-07 ACQ580-07: IP21 as standard, IP42 and
IP54 as an option
Ambient
conditions
ACQ580-01/-31
-15°C to 50°C. No frost allowed.
From +40 °C to +50 °C with derating
1% per 1 °C.
ACQ580-04/-34
-15 °C to 55 °C. No frost allowed.
From +40 °C to +55 °C with derating
1% per 1 °C.
ACQ580-07
0 °C to +50 °C. No frost allowed.
From +40 °C to +50 °C with derating
1% per 1 °C.
Safety functions
(TÜV Nord
certified)
Safe torque off (STO) according to
EN/IEC 61800-5-2, SIL 3, PL e
EMC
According to EMC directive 2014/30/EU,
EN 61800-3:2004 + A1 2012
ACQ580-01/-31
Class C2 as standard
ACQ580-04/-34
Class C3 as standard
ACQ580-07 Class C2 as standard for powers 75 kW
to 200 kW and Class C3 as standard for
powers 250 kW to 500 kW
Harmonic
mitigation
Built-in swinging choke as standard in ACQ580-01
meets the requirements of IEC 61000-3-12: 2011.
ACQ580-31 and ACQ580-34 in addition meets the
requirements of IEEE519 and G5/4.
Control
connections
2 analog inputs, 2 analog outputs, 6 digital inputs
including thermistor input, 3 relay outputs, EIA-485
Modbus RTU, safe torque off (STO), external 24 V DC
supply input, USB via control panel
Optional
I/O extension
modules
CMOD-01: External 24 V DC/AC and digital I/O extension
(2 x relay output and 1 x digital output)
CMOD-02: External 24 V and isolated PTC interface
CHDI-01: 6 115/230V AC digital inputs and
2 relay outputs
PC tools
Drive composer tool entry, available for free via ABB
website Drive composer tool pro
Control panel
options
Hand-Off-Auto control panel (ACH-AP-H) as standard
delivery. Hand-Off-Auto control panel with bluetooth
(ACH-AP-W) Assistant control panel (ACS-AP-I).
—
Technical data
Suitable for water industry applications like:
pumps, fans, blowers and mixers
For various installation needs:
• Wall-mounted drives ACQ580-01/-31
• Drive modules ACQ580-04/-34
• Cabinet-built drives ACQ580-07
For harsh environments
up to IP55
Connects virtually to any kind of motor
From induction and permanent magnet motors to
synchronous reluctance motors
Offers built-in pump functionalities
• Intelligent multi-pump control
• Sensorless flow calculation
• Level control
• Soft pipe fill
• Quick ramps
• Pump cleaning
• Dry pump protection
Harmonic mitigation without the need for
external filters or multi-pulse transformers
—
There is more to this drive
Programmable
The drive can be commissioned and programmed
via the standard control panel or with the Drive
composer PC tool.
If extra features are required, adaptive programming
provides an easy way to add the functionality.
Learn it once, use it everywhere
Enables a smooth transition to other all-compatible
drives in the ABB portfolio, such as the ACS880
industrial drives and ACS480 general purpose
drives.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com