Electronic Components Datasheet Search
  English  ▼

X  

PCD5002H Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCD5002H
Description  Advanced POCSAG and APOC-1 Paging Decoder
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5002H Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCD5002H Datasheet HTML 31Page - NXP Semiconductors PCD5002H Datasheet HTML 32Page - NXP Semiconductors PCD5002H Datasheet HTML 33Page - NXP Semiconductors PCD5002H Datasheet HTML 34Page - NXP Semiconductors PCD5002H Datasheet HTML 35Page - NXP Semiconductors PCD5002H Datasheet HTML 36Page - NXP Semiconductors PCD5002H Datasheet HTML 37Page - NXP Semiconductors PCD5002H Datasheet HTML 38Page - NXP Semiconductors PCD5002H Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
1997 Jun 24
35
Philips Semiconductors
Product specification
Advanced POCSAG and APOC-1 Paging
Decoder
PCD5002
11 DC CHARACTERISTICS
VDD = 2.7 V; VPR = 2.7 V; VSS =0V; Tamb = −25 to +70 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
voltage converter disabled
1.5
2.7
6.0
V
VPR
external reference voltage input
VPR ≥ VDD − 0.8 V
1.5
2.7
6.0
V
IDD0
supply current (OFF)
note 1
−
25.0
40.0
µA
IDD1
supply current (ON)
note 1; DON = VDD
−
50.0
80.0
µA
VPG
programming supply voltage
voltage converter disabled
2.0
−
6.0
V
voltage converter enabled
2.0
−
3.0
V
IPG
programming supply current
−−
800
µA
Inputs
VIL
LOW level input voltage
RDI, BAT
VSS
−
0.3VDD V
DON, ALC, RST
VSS
−
0.3VPR
V
SDA, SCL
VSS
−
0.3VDD V
VIH
HIGH level input voltage
RDI, BAT
0.7VDD −
VDD
V
DON, ALC, RST
0.7VPR
−
VPR
V
SDA, SCL
0.7VDD −
VPR
V
IIL
LOW level input current pins
RDI, BAT,TS1, TS2, DON,
ALC and RST
Tamb =25 °C; VI =VSS
0
−−0.5
µA
IIH
HIGH level input current
Tamb =25 °C
TS1, TS2
VI =VDD
6
−
20
µA
RDI, BAT
VI =VDD; RXE = 0
6
−
20
µA
RDI, BAT
VI =VDD; RXE = 1
0
−
0.5
µA
DON, ALC, RST
VI =VPR
250
500
850
nA
Outputs
IOL
LOW level output current
Tamb =25 °C
VIB, LED
VOL = 0.3 V
80
−−µA
ATH
VOL = 0.3 V
250
−−µA
INT, REF
VOL = 0.3 V
80
−−µA
ZSD, ZSC, ZLE
VOL = 0.3 V
70
−−µA
ATL
VOL = 1.2 V; note 2
13
27
55
mA
ROE, RXE
VOL = 0.3 V
80
−−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com