Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 4 Page - Analog Devices

Part # AD797
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 4 Page - Analog Devices

  AD797 Datasheet HTML 1Page - Analog Devices AD797 Datasheet HTML 2Page - Analog Devices AD797 Datasheet HTML 3Page - Analog Devices AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AD797
Data Sheet
Rev. K | Page 4 of 19
AD797A
AD797B
Parameter
Conditions
Supply
Voltage (V)
Min
Typ
Max
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Resistance
Differential
7.5
7.5
kΩ
Common Mode
100
100
MΩ
Input Capacitance
Differential4
20
20
pF
Common Mode
5
5
pF
OUTPUT RESISTANCE
AV = 1, f = 1 kHz
3
3
mΩ
POWER SUPPLY
Operating Range
±5
±18
±5
±18
V
Quiescent Current
±5 V, ±15 V
8.2
10.5
8.2
10.5
mA
1 Full power bandwidth = slew rate/2π VPEAK.
2 Specified using external decompensation capacitor.
3 Output current for |VS − VOUT| > 4 V, AOL > 200 kΩ.
4 Differential input capacitance consists of 1.5 pF package capacitance and 18.5 pF from the input differential pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com