Electronic Components Datasheet Search
  English  ▼

X  

AD8675 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8675
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8675 Datasheet(HTML) 3 Page - Analog Devices

  AD8675 Datasheet HTML 1Page - Analog Devices AD8675 Datasheet HTML 2Page - Analog Devices AD8675 Datasheet HTML 3Page - Analog Devices AD8675 Datasheet HTML 4Page - Analog Devices AD8675 Datasheet HTML 5Page - Analog Devices AD8675 Datasheet HTML 6Page - Analog Devices AD8675 Datasheet HTML 7Page - Analog Devices AD8675 Datasheet HTML 8Page - Analog Devices AD8675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
AD797
Rev. K | Page 3 of 19
SPECIFICATIONS
TA = 25°C and VS = ±15 V dc, unless otherwise noted.
Table 2.
AD797A
AD797B
Parameter
Conditions
Supply
Voltage (V)
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
±5 V, ±15 V
25
80
10
40
μV
TMIN to TMAX
50
125/180
30
60
μV
Offset Voltage Drift
±5 V, ±15 V
0.2
1.0
0.2
0.6
μV/°C
INPUT BIAS CURRENT
±5 V, ±15 V
0.25
1.5
0.25
0.9
μA
TMIN to TMAX
0.5
3.0
0.25
2.0
μA
INPUT OFFSET CURRENT
±5 V, ±15 V
100
400
80
200
nA
TMIN to TMAX
120
600/700
120
300
nA
OPEN-LOOP GAIN
VOUT = ±10 V
±15 V
1
20
2
20
V/μV
RLOAD = 2 kΩ
1
6
2
10
V/μV
TMIN to TMAX
1
15
2
15
V/μV
RLOAD = 600 Ω
1
5
2
7
V/μV
TMIN to TMAX
14,000
20,000
14,000
20,000
V/V
At 20 kHz1
DYNAMIC PERFORMANCE
Gain Bandwidth Product
G = 1000
±15 V
110
110
MHz
G = 10002
15 V
450
450
MHz
–3 dB Bandwidth
G = 10
±15 V
8
8
MHz
Full Power Bandwidth1
VOUT = 20 V p-p,
RLOAD = 1 kΩ
±15 V
280
280
kHz
Slew Rate
RLOAD = 1 kΩ
±15 V
12.5
20
12.5
20
V/μs
Settling Time to 0.0015%
10 V step
±15 V
800
1200
800
1200
ns
COMMON-MODE REJECTION
VCM = CMVR
±5 V, ±15 V
114
130
120
130
dB
TMIN to TMAX
110
120
114
120
dB
POWER SUPPLY REJECTION
VS = ±5 V to ±18 V
114
130
120
130
dB
TMIN to TMAX
110
120
114
120
dB
INPUT VOLTAGE NOISE
f = 0.1 Hz to 10 Hz
±15 V
50
50
nV p-p
f = 10 Hz
±15 V
1.7
1.7
2.5
nV/√Hz
f = 1 kHz
±15 V
0.9
1.2
0.9
1.2
nV/√Hz
f = 10 Hz to 1 MHz
±15 V
1.0
1.3
1.0
1.2
μV rms
INPUT CURRENT NOISE
f = 1 kHz
±15 V
2.0
2.0
pA/√Hz
INPUT COMMON-MODE
VOLTAGE RANGE
±15 V
±11
±12
±11
±12
V
±5 V
±2.5
±3
±2.5
±3
V
OUTPUT VOLTAGE SWING
RLOAD = 2 kΩ
±15 V
±12
±13
±12
±13
V
RLOAD = 600 Ω
±15 V
±11
±13
±11
±13
V
RLOAD = 600 Ω
±5 V
±2.5
±3
±2.5
±3
V
Short-Circuit Current
±5 V, ±15 V
80
80
mA
Output Current3
±5 V, ±15 V
30
50
30
50
mA
TOTAL HARMONIC
DISTORTION
RLOAD = 1 kΩ, CN = 50 pF,
f = 250 kHz, 3 V rms
±15 V
−98
−90
−98
−90
dB
RLOAD = 1 kΩ,
f = 20 kHz, 3 V rms
±15 V
−120
−110
−120
−110
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com