Electronic Components Datasheet Search
  English  ▼

X  

ADA4075-2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4075-2
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4075-2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4075-2 Datasheet HTML 7Page - Analog Devices ADA4075-2 Datasheet HTML 8Page - Analog Devices ADA4075-2 Datasheet HTML 9Page - Analog Devices ADA4075-2 Datasheet HTML 10Page - Analog Devices ADA4075-2 Datasheet HTML 11Page - Analog Devices ADA4075-2 Datasheet HTML 12Page - Analog Devices ADA4075-2 Datasheet HTML 13Page - Analog Devices ADA4075-2 Datasheet HTML 14Page - Analog Devices ADA4075-2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
AD797
Rev. K | Page 11 of 19
THEORY OF OPERATION
The architecture of the AD797 was developed to overcome
inherent limitations in previous amplifier designs. Previous
precision amplifiers used three stages to ensure high open-loop
gain (see Figure 31) at the expense of additional frequency com-
pensation components. Slew rate and settling performance are
usually compromised, and dynamic performance is not adequate
beyond audio frequencies. As can be seen in Figure 31, the first
stage gain is rolled off at high frequencies by the compensation
network. Second stage noise and distortion then appears at the
input and degrade performance. The AD797, on the other hand,
uses a single ultrahigh gain stage to achieve dc as well as dynamic
precision. As shown in the simplified schematic (Figure 32),
Node A, Node B, and Node C track the input voltage, forcing
the operating points of all pairs of devices in the signal path to
match. By exploiting the inherent matching of devices fabricated on
the same IC chip, high open-loop gain, CMRR, PSRR, and low
VOS are guaranteed by pairwise device matching (that is, NPN
to NPN and PNP to PNP), not by an absolute parameter such as
beta and the early voltage.
R1
R1
C1
gm
gm
GAIN = gm × R1 × 5 × 106
GAIN = gm × R1 × A2 × A3
C1
R2
BUFFER
BUFFER
RL
RL
VOUT
VOUT
a.
b.
A2
A3
C2
Figure 31. Model of AD797 vs. That of a Typical Three-Stage Amplifier
R2
R1
I5
VOUT
Q1
Q2
+IN
–IN
R3
Q5
C
Q6
I7
I1
I4
I6
Q12
Q8
Q9
Q11
Q10
Q3
Q7
Q4
AB
CN
CC
VSS
VCC
Figure 32. AD797 Simplified Schematic
This matching benefits not just dc precision, but, because it holds
up dynamically, both distortion and settling time are also reduced.
This single stage has a voltage gain of >5 × 106 and VOS < 80 μV,
while at the same time providing a THD + noise of less than
−120 dB and true 16-bit settling in less than 800 ns.
The elimination of second-stage noise effects has the additional
benefit of making the low noise of the AD797 (<0.9 nV/√Hz)
extend to beyond 1 MHz. This means new levels of perform-
ance for sampled data and imaging systems. All of this
performance as well as load drive in excess of 30 mA are made
possible by the Analog Devices, Inc., advanced complementary
bipolar (CB) process.
Another unique feature of this circuit is that the addition of a
single capacitor, CN (see Figure 32), enables cancellation of
distortion due to the output stage. This can best be explained by
referring to a simplified representation of the AD797 using
idealized blocks for the different circuit elements (Figure 33).
A single equation yields the open-loop transfer function of this
amplifier; solving it at Node B yields
j
A
C
j
C
j
A
C
g
V
V
C
N
N
m
IN
OUT
where:
gm is the transconductance of Q1 and Q2.
A is the gain of the output stage (~1).
VOUT is voltage at the output.
VIN is differential input voltage.
When CN is equal to CC, the ideal single-pole op amp response
is attained:
C
j
g
V
V
m
IN
OUT
In Figure 33, the terms of Node A, which include the properties of
the output stage, such as output impedance and distortion, cancel
by simple subtraction. Therefore, the distortion cancellation does
not affect the stability or frequency response of the amplifier. With
only 500 μA of output stage bias, the AD797 delivers a 1 kHz
sine wave into 60 Ω at 7 V rms with only 1 ppm of distortion.
–IN
+IN
Q1
Q2
I1
I2
VOUT
I3
C
A
I4
CN
CC
B
CURRENT
MIRROR
A
1
Figure 33. AD797 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com