Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 9 Page - Analog Devices

Part # OP27
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP27 Datasheet HTML 5Page - Analog Devices OP27 Datasheet HTML 6Page - Analog Devices OP27 Datasheet HTML 7Page - Analog Devices OP27 Datasheet HTML 8Page - Analog Devices OP27 Datasheet HTML 9Page - Analog Devices OP27 Datasheet HTML 10Page - Analog Devices OP27 Datasheet HTML 11Page - Analog Devices OP27 Datasheet HTML 12Page - Analog Devices OP27 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
AD797
Rev. K | Page 9 of 19
FREQUENCY (Hz)
100
0.01
10
1M
10
0.1
100
1
10k
100k
1k
WITHOUT CN*
WITH CN*
*SEE FIGURE 33.
Figure 21. Magnitude of Output Impedance vs. Frequency
VOUT
1kΩ
1kΩ
20pF
VIN
AD797
*
–VS
+VS
*
4
3
6
7
2
*SEE FIGURE 36.
Figure 22. Inverter Connection
100
90
10
0%
5V
1µs
Figure 23. Inverter Large-Signal Pulse Response
100
90
10
0%
50mV
100ns
Figure 24. Inverter Small-Signal Pulse Response
VOUT
100Ω
600Ω
VIN
AD797
**
–VS
+VS
RS*
*VALUE OF SOURCE RESISTANCE
(SEE THE NOISE AND SOURCE IMPEDANCE
CONSIDERATIONS SECTION).
*SEE FIGURE 36.
**
4
3
6
7
2
*
Figure 25. Follower Connection
100
90
10
0%
5V
1µs
Figure 26. Follower Large-Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com