Electronic Components Datasheet Search
  English  ▼

X  

OP270 Datasheet(PDF) 10 Page - Analog Devices

Part # OP270
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP270 Datasheet HTML 6Page - Analog Devices OP270 Datasheet HTML 7Page - Analog Devices OP270 Datasheet HTML 8Page - Analog Devices OP270 Datasheet HTML 9Page - Analog Devices OP270 Datasheet HTML 10Page - Analog Devices OP270 Datasheet HTML 11Page - Analog Devices OP270 Datasheet HTML 12Page - Analog Devices OP270 Datasheet HTML 13Page - Analog Devices OP270 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AD797
Data Sheet
Rev. K | Page 10 of 19
100
90
10
0%
50mV
100ns
Figure 27. Follower Small-Signal Pulse Response
100
90
10
0%
50mV
500ns
Figure 28. 16-Bit Settling Time Positive Input Pulse
100
90
10
0%
50mV
500ns
Figure 29. 16-Bit Settling Time Negative Input Pulse
–90
–130
300k
–120
300
100
–110
–100
100k
30k
10k
3k
1k
FREQUENCY (Hz)
0.001
0.0003
0.0001
MEASUREMENT
LIMIT
Figure 30. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com