Electronic Components Datasheet Search
  English  ▼

X  

AD797B Datasheet(PDF) 7 Page - Analog Devices

Part # AD797B
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797B Datasheet(HTML) 7 Page - Analog Devices

Back Button AD797B Datasheet HTML 3Page - Analog Devices AD797B Datasheet HTML 4Page - Analog Devices AD797B Datasheet HTML 5Page - Analog Devices AD797B Datasheet HTML 6Page - Analog Devices AD797B Datasheet HTML 7Page - Analog Devices AD797B Datasheet HTML 8Page - Analog Devices AD797B Datasheet HTML 9Page - Analog Devices AD797B Datasheet HTML 10Page - Analog Devices AD797B Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
AD797
Rev. K | Page 7 of 19
SUPPLY VOLTAGE (±V)
20
515
0
10
11
6
9
7
8
10
+125°C
+25°C
–55°C
Figure 9. Quiescent Supply Current vs. Supply Voltage
SUPPLY VOLTAGE (±V)
12
0
0
±20
9
3
±5
6
±10
±15
f = 1kHz
RL = 600Ω
G = +10
Figure 10. Output Voltage vs. Supply Voltage for 0.01% Distortion
STEP SIZE (V)
1.0
0
10
0.6
0.2
2
0.4
0
0.8
8
6
4
0.0015%
0.01%
Figure 11. Settling Time vs. Step Size (±)
FREQUENCY (Hz)
20
1M
80
40
10
60
1
120
100
100k
10k
1k
100
140
50
75
100
125
150
175
200
CMR
PSR
–SUPPLY
PSR
+SUPPLY
Figure 12. Power Supply and Common-Mode Rejection vs. Frequency
OUTPUT LEVEL (V)
–60
–100
–120
0.01
0.1
10
1
–80
RL = 600Ω
G = +10
f = 10kHz
NOISE BW = 100kHz
VS = ±5V
VS = ±15V
Figure 13. Total Harmonic Distortion (THD) + Noise vs. Output Level
30
10
0
10k
100k
10M
1M
20
±5V SUPPLIES
±15V SUPPLIES
RL = 600Ω
FREQUENCY (Hz)
Figure 14. Large-Signal Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com