Electronic Components Datasheet Search
  English  ▼

X  

9271 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9271
Description  9271 Twinax - Twinaxial Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9271 Datasheet(HTML) 1 Page - Belden Inc.

  9271 Datasheet HTML 1Page - Belden Inc. 9271 Datasheet HTML 2Page - Belden Inc. 9271 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation, Beldfoil® shield (100%
coverage), stranded tinned copper drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material Dia. (in.)
1
25
7x33
TC - Tinned Copper .021
Total Number of Conductors:
2
Insulation
Insulation Material:
Insulation Material Wall Thickness (in.)
PE - Polyethylene
0.031
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
22
7x30
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (in.)
PVC - Polyvinyl Chloride 0.035
Overall Cable
Overall Nominal Diameter:
0.240 in.
Pair
Pair Color Code Chart:
Number Color
1
Blue & Clear
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +60°C
UL Temperature Rating:
60°C (UL AWM Style 2092)
Bulk Cable Weight:
25 lbs/1000 ft.
Max. Recommended Pulling Tension:
17 lbs.
Min. Bend Radius/Minor Axis:
2.500 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2092 (300 V 60°C)
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
Page 1 of 3
01-05-2017
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9271 Twinax - Twinaxial Cable


Similar Part No. - 9271

ManufacturerPart #DatasheetDescription
logo
Metcal
927125-DHUV METCAL-927125-DHUV Datasheet
237Kb / 1P
Dispensing Tips
927125-RIGID METCAL-927125-RIGID Datasheet
237Kb / 1P
Dispensing Tips
More results

Similar Description - 9271

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3930-1200 PASTERNACK-PE3930-1200 Datasheet
119Kb / 1P
3/4-20 THREAD TWINAX MALE TO 3/4-20 THREADED TWINAX MALE 100 OHM PE-S330 TWINAXIAL CABLE
PE3930LF PASTERNACK-PE3930LF Datasheet
119Kb / 1P
3/4"-20 THREADED TWINAX MALE TO, 3/4"-20 THREADED TWINAX MALE, 100 OHM, PE-S330 TWINAXIAL CABLE
PE3930 PASTERNACK-PE3930 Datasheet
119Kb / 1P
3/4-20 THREADED TWINAX MALE TO 3/4 -20 THREADED TWINAX MALE 100 OHM PE-S330 TWINAXIAL CALBE
logo
Amphenol Corporation
162104 AMPHENOL-162104 Datasheet
33Kb / 1P
TWINAXIAL FEMALE-FEMALE ADAPTER
logo
List of Unclassifed Man...
MIL-DTL-17 ETC2-MIL-DTL-17 Datasheet
484Kb / 2P
including M17/176-00002 Twinaxial Data Bus Cable
logo
Pasternack Enterprises,...
PE3480-90 PASTERNACK-PE3480-90 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-120 PASTERNACK-PE3480-120 Datasheet
645Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-300 PASTERNACK-PE3480-300 Datasheet
646Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-600 PASTERNACK-PE3480-600 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-900 PASTERNACK-PE3480-900 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com