Electronic Components Datasheet Search
  English  ▼

X  

40201 Datasheet(PDF) 4 Page - Turck, Inc.

Part # 40201
Description  Inductive Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

40201 Datasheet(HTML) 4 Page - Turck, Inc.

  40201 Datasheet HTML 1Page - Turck, Inc. 40201 Datasheet HTML 2Page - Turck, Inc. 40201 Datasheet HTML 3Page - Turck, Inc. 40201 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
4|4
Instructions for use
Intended use
This device fulfills Directive 2014/34/EC and is suited for use in explosion-hazardous areas according to EN 60079-0:2018
and EN 60079-11:2012.It is also suitable for use in safety-related systems, including SIL2 (IEC 61508) and PL c (ISO
13849-1) with HFT0 and SIL3 (IEC 61508) and PL e (ISO 13849-1) with redundant configuration HFT1In order to ensure that
the device is operated as intended, the national regulations and directives must be observed.
For use in explosion hazardous areas conform to classification
II 1 G and II 1 D (Group II, Category 1 G, electrical equipment for gaseous atmospheres and category 1 D, electrical equipment for
dust atmospheres).
Marking (see device or technical data sheet)
Ex II 1 G and Ex ia IIC T6 Ga and Ex II 1 D Ex ia IIIC T135 °C Da acc. to EN 60079-0, -11
Local admissible ambient temperature
-25…+70 °C
Installation/Commissioning
These devices may only be installed, connected and operated by trained and qualified staff. Qualified staff must have
knowledge of protection classes, directives and regulations concerning electrical equipment designed for use in
explosion hazardous areas.Please verify that the classification and the marking on the device comply with the actual
application conditions.
This device is only suited for connection to approved Exi circuits according to EN 60079-0 and EN 60079-11. Please
observe the maximum admissible electrical values.After connection to other circuits the sensor may no longer be
used in Exi installations. When interconnected to (associated) electrical equipment, it is required to perform the "Proof
of intrinsic safety" (EN60079-14).Attention! When used in safety systems, all content of the security manual must be
observed.
Installation and mounting instructions
Avoid static charging of cables and plastic devices. Please only clean the device with a damp cloth. Do not install the
device in a dust flow and avoid build-up of dust deposits on the device.If the devices and the cable could be subject to
mechanical damage, they must be protected accordingly. They must also be shielded against strong electro-magnetic
fields.The pin configuration and the electrical specifications can be taken from the device marking or the technical data
sheet.
Service/Maintenance
Repairs are not possible. The approval expires if the device is repaired or modified by a person other than the
manufacturer. The most important data from the approval are listed.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com