Electronic Components Datasheet Search
  English  ▼

X  

MT5C6401C-25L/IT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # MT5C6401C-25L/IT
Description  64K x 1 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C6401C-25L/IT Datasheet(HTML) 4 Page - Austin Semiconductor

  MT5C6401C-25L/IT Datasheet HTML 1Page - Austin Semiconductor MT5C6401C-25L/IT Datasheet HTML 2Page - Austin Semiconductor MT5C6401C-25L/IT Datasheet HTML 3Page - Austin Semiconductor MT5C6401C-25L/IT Datasheet HTML 4Page - Austin Semiconductor MT5C6401C-25L/IT Datasheet HTML 5Page - Austin Semiconductor MT5C6401C-25L/IT Datasheet HTML 6Page - Austin Semiconductor MT5C6401C-25L/IT Datasheet HTML 7Page - Austin Semiconductor MT5C6401C-25L/IT Datasheet HTML 8Page - Austin Semiconductor MT5C6401C-25L/IT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SRAM
MT5C6401
Austin Semiconductor, Inc.
MT5C6401
Rev. 1.0 8/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
4
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CONDITIONS
(Note 5) (-55oC < T
C < 125
oC; V
CC = 5V +10%)
MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX
READ CYCLE
READ cycle time
tRC
12
15
20
25
35
ns
Address access time
tAA
12
15
20
25
35
ns
Chip Enable access time
tACE
10
13
15
20
25
ns
Output hold from address change
tOH
22222
ns
Chip Enable to output in Low-Z
tLZCE
22222
ns
7
Chip disable to output in High-Z
tHZCE
7
8
10
12
15
ns
6, 7
Chip Enable to power-up time
tPU
00000
ns
Chip disable to power-down time
tPD
12
15
20
25
35
ns
WRITE CYCLE
WRITE cycle time
tWC
12
15
20
25
35
ns
Chip Enable to end of write
tCW
10
12
15
20
25
ns
Address valid to end of write
tAW
10
12
15
20
25
ns
Address setup time
tAS
00000
ns
Address hold from end of write
tAH
00000
ns
WRITE pulse width
tWP
10
12
15
20
25
ns
Data setup time
tDS
7
8
10
12
15
ns
Data hold time
tDH
00000
ns
Write disable to output in Low-Z
tLZWE
22222
ns
7
Write Enable to output in High-Z
tHZWE
0607080
10
0
15
ns
6, 7
NOTES
DESCRIPTION
-12
SYMBOL
UNITS
-35
-25
-20
-15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com