Electronic Components Datasheet Search
  English  ▼

X  

PCE-P01-ICA Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-P01-ICA
Description  Differential Pressure Manometer PCE-P01-ICA Incl. ISOCalibration Certificate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-P01-ICA Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-P01-ICA Datasheet HTML 1Page - PCE Instruments. PCE-P01-ICA Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
±)
Measuring range (
inH2O 
psi 
mbar 
kPa 
inHg 
mmHg 
ozin² 
ftH2O 
cmH2O 
kgcm² 
bar
55.40 
2.000 
137.8 
13.79 
4.072 
103.4 
32.00 
4.612 
140.6 
0.140 
0.137
Resolution  
inH2O 
psi 
mbar 
kPa 
inHg 
mmHg 
ozin² 
ftH2O 
cmH2O 
kgcm² 
bar
0.01 
0.001 
0.1 
0.01 
0.001 
0.1 
0.01 
0.001 
0.1 
0.001 
0.001
Accuracy (at 25°C / 77°F)
± 0.3%
Linearity
± 0.2%
Response time
Approx. 0.5 sec.
Max. pressure
689 mbar
Operating temperature
0 ... 50°C / 32 ... 122°F
Storage temperature
-10 ... 60°C / 14 ... 140°F
Media
Air and non-explosive gases
Real-time data-logging interval    1 sec. to 24 h adjustable
Display
Dual LCD
Dimensions
210x 75 x 50 mm / 8.27 x 2.95 x 1.97 in (H x W x D)
Weight (without batteries)
650 g / 1.44 lbs
Power supply
Battery: 1 x 9V block 
AC adapter: 9V DC / 500-mA 
More information
Manual
Software Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com