Electronic Components Datasheet Search
  English  ▼

X  

PCE-P01 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-P01
Description  Differential Pressure Manometer PCE-P01
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-P01 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-P01 Datasheet HTML 1Page - PCE Instruments. PCE-P01 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Differential Pressure Manometer PCE-P01
PCE-P01 Differential Pressure Manometer
Portable handheld meter measures differential pressure from -0.137 to 0.137 bar (-2.000 to 2.000 psi) / Features real-time data-logging
capabilities using the included PC software and USB cable
PCE-P01 is a portable handheld digital differential pressure manometer used to measure differential pressure in pneumatic, compressor and
pump installations, valves, tanks and heating, ventilation and air conditioning (HVAC) systems. The PCE-P01 displays min / max / average values
right on the meter's screen for comparison against current measurement values.
In addition, the PCE-P01 differential pressure manometer features real-time data-logging capabilities with an adjustable interval from 1 second
to 24 hours. The device comes with 4 x 30 cm /11.81 in silicon tubes, 1 x 9 V block battery and 1 x AC power adapter. Also included in the
delivery contents are PC-compatible software and a USB cable. The software can be used to detect and document pressure fluctuations, and to
display the data graphically or in a table. For real-time data recording, simply connect the differential manometer via USB to your computer,
and save the measured values according to your selected time interval. You can then calculate average values directly in the software or export
the saved data to Microsoft Excel.
- -0.137 to 0.137 bar (-2.000 to 2.000 psi) measuring range
11 measurement units:bar, mmHg, ozin², kgcm², psi, inH2O, kPa, ftH2O, inHg, cmH2O, mbar
Data hold function
Zero adjustment at any time
Low battery indicator
Auto power off (can be disabled)
Large dual LCD screen with backlight (on / off mode)
Displays min / max / average values right on the meter's screen for comparison against current measurement values
Features real-time data-logging capabilities using the included PC software and USB cable


Similar Part No. - PCE-P01

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-P01-ICA PCE-PCE-P01-ICA Datasheet
281Kb / 2P
Differential Pressure Manometer PCE-P01-ICA Incl. ISOCalibration Certificate
More results

Similar Description - PCE-P01

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
406800 EXTECH-406800 Datasheet
107Kb / 6P
Differential Pressure Manometer
406850 EXTECH-406850 Datasheet
93Kb / 6P
Differential Pressure Manometer
407910 EXTECH-407910 Datasheet
267Kb / 7P
Heavy Duty Differential Pressure Manometer
HD700 EXTECH-HD700 Datasheet
108Kb / 7P
Differential Pressure Manometer
HD750 EXTECH-HD750 Datasheet
103Kb / 7P
Heavy Duty Differential Pressure Manometer
HD755 EXTECH-HD755 Datasheet
107Kb / 8P
Heavy Duty Differential Pressure Manometer
HD350 EXTECH-HD350 Datasheet
282Kb / 1P
Pitot Tube Anemometer Differential Manometer
406800 EXTECH-406800_15 Datasheet
229Kb / 1P
Differential Pressure Manometer
407910 EXTECH-407910_15 Datasheet
161Kb / 1P
Heavy Duty Differential Pressure Manometer
HD350 EXTECH-HD350_15 Datasheet
282Kb / 1P
Pitot Tube Anemometer Differential Manometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com