Electronic Components Datasheet Search
  English  ▼

X  

PCE-P05 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-P05
Description  Differential Pressure Meter PCE-P05
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-P05 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-P05 Datasheet HTML 1Page - PCE Instruments. PCE-P05 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Differential Pressure Meter PCE-P05
PCE-P05 Differential Pressure Meter
Portable handheld manometer measures differential pressure from -0.344 to 0.344 bar (-5.000 to 5.000 psi) / Features real-time data-
logging capabilities using the included PC software and USB cable
PCE-P05 is a portable handheld digital differential pressure meter or manometer used to measure differential pressure in pneumatic,
compressor and pump installations, valves, tanks and heating, ventilation and air conditioning (HVAC) systems. The PCE-P05 displays min / max
/ average values right on the meter's screen for comparison against current measurement values.
In addition, the PCE-P05 differential pressure manometer features real-time data-logging capabilities with an adjustable interval from 1 second
to 24 hours. The device comes with 4 x 30 cm /11.81 in silicon tubes, 1 x 9V block battery and 1 x AC power adapter. Also included in the
delivery contents are PC-compatible software and a USB cable. The software can be used to detect and document pressure fluctuations, and to
display the data graphically or in a table. For real-time data recording, simply connect the differential manometer via USB to your computer,
and save the measured values according to your selected time interval. You can then calculate average values directly in the software or export
the saved data to Microsoft Excel.
- -0.344 to 0.344 bar (-5.000 to 5.000 psi) measuring range
11 measurement units:bar, mmHg, ozin², kgcm², psi, inH2O, kPa, ftH2O, inHg, cmH2O, mbar
Data hold function
Zero adjustment at any time
Low battery indicator
Auto power off (can be disabled)
Large dual LCD screen with backlight (on / off mode)
Displays min / max / average values right on the meter's screen for comparison against current measurement values
Features real-time data-logging capabilities using the included PC software and USB cable


Similar Part No. - PCE-P05

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-P05-ICA PCE-PCE-P05-ICA Datasheet
292Kb / 2P
Differential Pressure Meter PCE-P05-ICA incl. ISO calibration certificate
More results

Similar Description - PCE-P05

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
Heavy Duty Pressure Meter
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
153519 FESTO-153519 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com