Electronic Components Datasheet Search
  English  ▼

X  

PCE-P15 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-P15
Description  Differential Pressure Meter PCE-P15
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-P15 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-P15 Datasheet HTML 1Page - PCE Instruments. PCE-P15 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range: 0 to 15 psi
Units of measure:bar, mmHg, ozin², kgcm², psi, inH2, kPa, ftH2O|, inHg, cmH2O,
mbar
Resolution: 0.01 psi
Accuracy: ± 0.3% of full scale at 25°C / 77°F
Response time: 0.5 seconds
Power supply: 1 x 9V battery
Approx. dimensions: 72 x 182 x 30 mm / 2.84 x 7.17 x 1.18 in
Approx. weight: 220 g / < 1 lb (with battery)
See user manual for complete technical specifications.
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com