Electronic Components Datasheet Search
  English  ▼

X  

P3596 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P3596
Description  150KHZ, 3A PWM STEP-DOWN DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3596 Datasheet(HTML) 3 Page - Unisonic Technologies

  P3596 Datasheet HTML 1Page - Unisonic Technologies P3596 Datasheet HTML 2Page - Unisonic Technologies P3596 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P3596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-023.I
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Supply Voltage
VCC
40
V
Operating Voltage
VOPR
4.5 ~ 35
V
ON/OFF Pin Input Voltage
VON/OFF
-0.3 ~ +20
V
Feedback Pin Voltage
VFB
-0.3 ~ +20
V
Output Voltage to Ground (Steady State)
VOUT
-1
V
Power Dissipation
PD
Internally limited
mW
Junction Temperature
TJ
+150
°C
Ambient Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220B
45
TO-220-5
45
Junction to Ambient
TO-263-5
θJA
55
°C/W
TO-220B
3
TO-220-5
3
Junction to Case
TO-263-5
θJC
4
°C/W
ELECTRICAL CHARACTERISTICS
(TJ=25°C, VIN=12V for the 3.3V, 5V, and Adjustable version and VIN=24V for the 12V version, ILOAD=500mA.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2.5V
3.8V≦VIN≦35V, 0.2A≦ILOAD≦3A
2.4
2.5
2.6
V
3.3V
4.75V≦VIN≦35V, 0.2A≦ILOAD≦3A 3.168
3.3
3.432
V
5.0V
7V≦VIN≦35V, 0.2A≦ILOAD≦3A
4.8
5.0
5.2
V
Output Voltage
12V
VOUT
15V≦VIN≦35V, 0.2A≦ILOAD≦3A
11.52
12.0
12.48
V
2.5V
VIN=12V, ILOAD=3A
73
%
3.3V
VIN=12V, ILOAD=3A
73
%
5.0V
VIN=12V, ILOAD=3A
80
%
Efficiency
12V
η
VIN=24V, ILOAD=3A
90
%
FOR P3596-ADJ
Feedback Voltage
VFB
4.5V≦VIN≦35V, 0.2A≦ILOAD≦3A
VOUT programmed for 3V
1.193 1.230
1.267
V
Efficiency
η
VIN=12V, VOUT=3V, ILOAD=3A
73
%
ALL OUTPUT VOLTAGE
Feedback Bias Current
IBIAS
Adjustable Version Only, VFB=1.3V
10
50
nA
Oscillator Frequency
fOSC
(Note 1)
127
150
173
kHz
Saturation Voltage
VSAT
IOUT=3A (Note 2, 3)
1.16
1.4
V
Min
ON (Note 3)
100
Duty Cycle
Max
DC
OFF(Note 4)
0
%
Current Limit
ILIMIT
Peak Current (Notes 2, 3)
3.6
4.5
6.9
A
Output=0V (Notes 2, 4)
50
μA
Output Leakage Current
ILEAK
Output=-1V, VIN = 40V
2
30
mA
Quiescent Current
IQ
(Note 4)
5
10
mA
Standby Quiescent Current
ISTBY
ON/OFF pin=5V (OFF), VIN = 40V
80
200
μA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com