Electronic Components Datasheet Search
  English  ▼

X  

P3596 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # P3596
Description  150KHZ, 3A PWM STEP-DOWN DC/DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P3596 Datasheet(HTML) 5 Page - Unisonic Technologies

  P3596 Datasheet HTML 1Page - Unisonic Technologies P3596 Datasheet HTML 2Page - Unisonic Technologies P3596 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 3 page
background image
P3596
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-023.I
TYPICAL APPLICATION
For Fixed Versions
CIN: 470 µF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT: 220 µF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1: 5A, 40V Schottky Rectifier, 1N5825
L1: 68 µH, L38
For Adjustable Version
Where VREF = 1.23V
Note: 1.Select R1 to be approximately 1 KΩ, use a 1% resistor for best stability.
2. CIN: 470 μF, 50V, Aluminum Electrolytic Nichicon “PL Series”
3. COUT: 220 μF, 35V Aluminum Electrolytic, Nichicon “PL Series”
4. D1: 5A, 40V Schottky Rectifier, 1N5825
5. L1: 68 μH, L38
6. R1:1 KΩ, 1%
7. CFF: See Application Information Section



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com