Electronic Components Datasheet Search
  English  ▼

X  

PCE-CT29 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-CT29
Description  Surface Tester PCE-CT 29
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT29 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-CT29 Datasheet HTML 1Page - PCE Instruments. PCE-CT29 Datasheet HTML 2Page - PCE Instruments. PCE-CT29 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Further specifications
 
Base material for measurements Ferrous (Fe) and non-ferrous (NFe) metals
Display
2.4 " LC display
Automatic display
orientation
0, 90, 180 and 270 °, can be switched off
 
(only measuring window)
Statistic functions
average, highest, lowest and SDEV measured value
Measuring modes
direct, groups, SSPC
Units
µm, mm, mils, inch
Power supply
2 x 1.5 V AA batteries
Interface
Micro-USB (for data transfer only)
Alarm
signal tone and / or LED signal light in case of
 
Exceeding of the adjustable upper and lower alarm
limit
Switch-off
Off, 30 seconds, 1 minute, 5 minutes
Menu languages
English, German, French, Spanish,
 
Italian, Portuguese, Chinese, Japanese
Operating conditions
0 ... 50 °C, 20 ... 90 % r.h., non-condensing
Storage conditions
-10 ... +60 °C, 20 ... 90 % r.h., non-condensing
Dimensions
 35 x 64 x 137 mm
Weight
 175 g
 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com