Electronic Components Datasheet Search
  English  ▼

X  

1051007 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 1051007
Description  Inductive Sensor – For Rotary Actuators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

1051007 Datasheet(HTML) 2 Page - Turck, Inc.

  1051007 Datasheet HTML 1Page - Turck, Inc. 1051007 Datasheet HTML 2Page - Turck, Inc. 1051007 Datasheet HTML 3Page - Turck, Inc. 1051007 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|4
Technical data
Housing material
Plastic, PP-GF30, Yellow
Active area material
Plastic, PP-GF30, black
Electrical connection
Connector, M12 × 1
Environmental conditions
 
Ambient temperature
-25…+70  °C
Vibration resistance
55 Hz (1 mm)
Shock resistance
30  g (11 ms)
Protection class
IP67
MTTF
6198  years acc. to SN 29500 (Ed. 99) 40
°C
Switching state
2 × LEDs, Yellow/red
Accessories
IMC-DI-22EX-PNO/24VDC
7560003
2-channel isolating switching amplifier
with M12x1 males, for peripheral use,
IP67, zones 2/22, input circuits II(1)
Ex ia, PNP transistor output NO
BTS-DSC26-EB2
6900223
Actuation kit (puck) for dual sensors;
end position damped; hole pattern on
receptacle surface: 80 x 30 mm and
130 x 30 mm; connection shaft (shaft
extension) height: 30 mm/Ø: max.
50 mm
BTS-DSC26-EB3
6900224
Actuation kit (puck) for dual sensors;
end position damped; hole pattern
on receptacle surface: 30 x 130 mm;
connection shaft (shaft extension)
height: 30 mm/Ø: max. 85 mm
BTS-DSC26-EB20
100002102
Actuator (puck) for dual sensors;
end position damped; hole pattern
on flange: 80 x 30 mm and 130
x 30 mm; connection shaft (shaft
extension) height: 30 mm/Ø: max.
35 mm; available as an option:
Spacer BTS-DSC26-UR10 for 20-
mm-high connection shafts (shaft
extension)
BTS-DSC26-UR10
100002103
Spacer for dual sensor actuation
kitBTS-DSC26-EB20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com