Electronic Components Datasheet Search
  English  ▼

X  

MT5C6401C-25L/883C Datasheet(PDF) 3 Page - Austin Semiconductor

Part # MT5C6401C-25L/883C
Description  64K x 1 SRAM SRAM MEMORY ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C6401C-25L/883C Datasheet(HTML) 3 Page - Austin Semiconductor

  MT5C6401C-25L/883C Datasheet HTML 1Page - Austin Semiconductor MT5C6401C-25L/883C Datasheet HTML 2Page - Austin Semiconductor MT5C6401C-25L/883C Datasheet HTML 3Page - Austin Semiconductor MT5C6401C-25L/883C Datasheet HTML 4Page - Austin Semiconductor MT5C6401C-25L/883C Datasheet HTML 5Page - Austin Semiconductor MT5C6401C-25L/883C Datasheet HTML 6Page - Austin Semiconductor MT5C6401C-25L/883C Datasheet HTML 7Page - Austin Semiconductor MT5C6401C-25L/883C Datasheet HTML 8Page - Austin Semiconductor MT5C6401C-25L/883C Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SRAM
MT5C6401
Austin Semiconductor, Inc.
MT5C6401
Rev. 1.0 8/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
ABSOLUTEMAXIMUMRATINGS*
Voltage on any Input Relative to Vss................-2.0V to +7.0V
Voltage on Vcc Supply Relative to Vss............-1.0V to +7.0V
Voltage Applied to Q.........................................-1.0V to +7.0V
Storage Temperature…...................................-65oC to +150oC
Power Dissipation.................................................................1W
Max Junction Temperature............................................+175
°C
Lead Temperature (soldering 10 seconds)...................+260oC
Short Circuit Output Current...........................................50mA
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
C < 125
oC; V
CC = 5V +10%)
CAPACITANCE
DESCRIPTION
CONDITIONS
SYM
MIN
MAX
UNITS NOTES
Input High (Logic 1) Voltage
VIH
2.2
Vcc+1.0V
V
1
Input Low (Logic 0) Voltage
VIL
-0.5
0.8
V
1, 2
Input Leakage Current
0V < VIN < VCC
ILI
-10
10
µA
Output Leakage Current
Outputs Disabled
0V < VOUT < VCC
ILO
-10
10
µA
Output High Voltage
IOH = -4.0mA
VOH
2.4
---
V
1
Output Low Voltage
IOL = 8.0mA
VOL
---
0.4
V
1
SYM
-12
-15
-20
-25
-35
UNITS NOTES
Icc
140
125
110
100
90
mA
3
Power Supply
Current: Standby
ISBT1
45
41
36
33
30
mA
ISBT2
25
25
25
25
25
mA
ISBC2
55555
mA
Power Supply
Current: Operating
PARAMETER
CE\ > (VCC -0.2); VCC = MAX
All Other Inputs < 0.2V
or > (VCC - 0.2V), f = 0 Hz
CE\ > VIH; VCC = MAX
f = 1/tRC (MIN) Hz
MAX
CONDITIONS
CE\ < VIL; VCC = MAX
Output Open
CE\ > VIH; All Other Inputs
< VIL or > VIH, VCC = MAX
f = 0 Hz
DESCRIPTION
CONDITIONS
SYM
MAX
UNITS
NOTES
Input Capacitance
CI
6pF
4
Output Capacitance
CO
7pF
4
TA = 25
oC, f = 1MHz
Vcc = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com