Electronic Components Datasheet Search
  English  ▼

X  

ML22FAD Datasheet(PDF) 1 Page - MTRONPTI

Part # ML22FAD
Description  Micropower CMOS Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

ML22FAD Datasheet(HTML) 1 Page - MTRONPTI

  ML22FAD Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
121
X
O
ML Series Micropower CMOS Oscillators
See page 146 for gull wing configuration.
Pin Connections
Divider Output Frequencies
1. Supply current for divided output is slightly higher that listed.
2. See load circuit diagram #2 on page 148.
3. Rise/Fall times are measured between 20% Vdd and 80% Vdd.
Available Stabilities vs. Temperature
OBSOLETE


Similar Part No. - ML22FAD

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
ML2200BCP MICRO-LINEAR-ML2200BCP Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
ML2200CCP MICRO-LINEAR-ML2200CCP Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
ML2200DCP MICRO-LINEAR-ML2200DCP Datasheet
1Mb / 28P
12-Bit Plus Sign Data Acquisition Peripheral
logo
OKI electronic componet...
ML2201 OKI-ML2201 Datasheet
159Kb / 20P
Speech Synthesizer LSI with on-chip 384K Mask ROM
More results

Similar Description - ML22FAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM77H ETC2-SM77H Datasheet
150Kb / 8P
CMOS Clock Oscillators
logo
Pletronics, Inc.
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
2.5 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
1.8 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
2.5 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
3.3 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
2.5 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
1.8 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
2.5 V CMOS Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com